Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD179G. Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD179G.
Description  Plastic Medium-Power Silicon NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD179G. Datasheet(HTML) 3 Page - ON Semiconductor

  BD179G. Datasheet HTML 1Page - ON Semiconductor BD179G. Datasheet HTML 2Page - ON Semiconductor BD179G. Datasheet HTML 3Page - ON Semiconductor BD179G. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD179G
http://onsemi.com
3
Figure 2. Collector Saturation Region
IB, BASE CURRENT (mA)
1.0
0
0.2
0.8
0.6
0.4
0.2
1.0
2.0
10
30
50
200
IC = 0.1 A
0.25 A
1.0 A
0.5 A
0.3
0.5
100
20
3.0
5.0
TJ = 25°C
1000
Figure 3. Current Gain
IC, COLLECTOR CURRENT (mA)
10
100
TJ = + 150°C
TJ = + 55°C
VCE = 2.0 V
700
500
300
200
70
50
30
20
TJ = + 25°C
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
Figure 4. “On” Voltages
0
1.5
3.0 5.0
10
20 30
50
2000
2.0
100
200
1000
300 500
1.2
0.9
0.6
0.3
IC, COLLECTOR CURRENT (mA)
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 2.0 V
Figure 5. Thermal Response
t, TIME or PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20
30
50
100
200 300
1000
500
qJC(t) = r(t) qJC
qJC = 4.16°C/W MAX
qJC = 3.5°C/W TYP
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
D = 0.2
D = 0.1
D = 0.05
D = 0.01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com