Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 5Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016


+
∗
=
=
1
R
R
R
V
mV
240
~
V
NTC
NTC
REF
LDH


+
∗


∗
=
1
R
R
R
R
15
.
1
V
I
NTC
NTC
S
REF
OUT
A group of modules based on the ZLED7001 can be matched in LED brightness using the linear dimming input
with the PWM dimming feature still available for overall brightness control.
If the LD pin is not used, it must be connected to the PWMD pin, which is internally pulled-up. When the LD pin
voltage drops below 50mV, the GATE output is switched off.
2.8.
Temperature Compensation
ZLED7001 provides thermal protection for the connected LEDs. Applying an NTC thermistor close to the LED
string will enable the temperature compensation of the LED current. Refer to the application circuit on page 1. If
the temperature of the LEDs rises, the resistance of the NTC thermistor decreases until the voltage of the LD pin
falls below 240mV. Then the average current is controlled by the LD pin and the temperature compensation
function starts. The upper threshold to start compensation is given by equation (5):
(5)
Considering the limit for IREF, under all conditions R1 must be selected larger than 2.2k
Ω. Assuming a 30%
inductor current ripple, the temperature compensated continuous current can be computed as shown in
equation (6):
(6)
When the LD pin voltage drops below 50mV (typical), the GATE output is switched off. The transition to dimming
as well as the switch-off is reversible as soon as the respective thresholds are exceeded after the LED assembly
cools. Adding a capacitor C1 from the LD pin to ground will reduce noise on the LD input.
2.9.
Design Example
A common application for an AC-line-powered ZLED7001 is luminants with a string of several LEDs operated by
one driver. For the example, the following constraints are assumed:
Application:
15W LED luminant with 13 HB LEDs in 1 string
AC supply voltage:
VINAC = 230 VAC
Average DC supply voltage:
VINDC
≈ 280 VDC resulting after bridge rectification and filtering with a 10μF
capacitor; power factor correction is not considered.
LED string forward voltage:
ΣV
F = 13*3.3V
≈ 43V
LED string average current:
ILED = 350mA
IC Input Resistor (RIN) and Hold Capacitor (CIN):
For a given 2N60 MOSFET and a maximum expected switching frequency of 100kHz, the IC input current will be
(
)
mA
kHz
nC
mA
f
Q
mA
I
S
G
IN
4
.
1
)
100
9
(
5
.
0
5
.
0
=
⋅
+
=
⋅
+
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com