Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ZLED7001 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
Resulting in a supply resistor of
Ω
≈
−
=
−
=
k
mA
V
V
I
V
V
R
IN
IN
INDC
IN
195
4
.
1
7
280
An 180k
Ω type can be chosen with a power rating of ≥0.5W. C
IN is chosen to be a 10
μF/ ≥10V capacitor.
TOFF Time Capacitor (COFF)
The selection of the operation frequency is based on a tradeoff between higher frequencies allowing for smaller
and less expensive inductors and lower frequencies incurring lower losses in the power switch.
An estimation of the duty cycle D is based on the ratio of output voltage over input voltage:
15
.
0
280
43
_
_
_
≈
=
Σ
≈
+
=
V
V
V
V
T
T
T
D
INDC
F
TIME
OFF
TIME
ON
TIME
ON
A timing capacitor of 220pF yields
s
pF
pF
s
pF
C
s
T
OFF
TIME
OFF
µ
µ
µ
7
.
11
10
220
1
51
.
0
10
1
51
.
0
_
=


+
⋅
=


+
⋅
=
Resulting in an operation frequency of
kHz
s
T
D
f
TIME
OFF
O
72
7
.
11
15
.
0
1
1
_
≈
−
=
−
=
µ
Inductor (L1)
The inductance L1 is determined by the LED string’s forward voltage, the off-time, and the acceptable current
ripple. Assuming a ripple of 30% of the average current yields
mH
mA
s
V
I
T
V
L
Ripple
TIME
OFF
F
8
.
4
350
%
30
7
.
11
43
_
≈
⋅
⋅
=
⋅
Σ
=
µ
Lower ripple at the same average current will increase the lifetime of the LEDs but requires a more expensive
higher value inductor and increased thermal losses since the inductor’s DC resistance will increase as well. The
DC resistance of the inductor is an important design parameter, too. A capacitor placed in parallel with the array
of LEDs can be used to reduce the LED current ripple while keeping the same average current.
The inductor chosen must have a saturation current higher than the peak output current and a continuous current
rating above the required mean output current. The circuit design must also consider the decrease of inductance
and saturation current with rising temperature.
Current Sense Resistor (RCS)
With peak current-mode control, the output is switched off when the LED current reaches its maximum value
summing up the average LED current and half of the defined current ripple, yielding for the given example
mA
mA
mA
I
I
I
Ripple
AVG
LED
PEAK
O
5
.
402
2
350
%
30
350
2
)
(
_
=
⋅
+
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com