Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  Universal LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZLED-PCB1 Datasheet HTML 1Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 2Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 3Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 4Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 5Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Universal LED Driver with
Temperature Compensation
ZLED7001
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
VREF
LD
PWMD
CS
GATE
ZLED7001
VS
n LED
L1
R2
NTC
CIN
C1
R1
8 to 450 VDC
8
5
6
2
3
1
GND
4
TOFF
7
VIN
D1
COFF
RCS
CLED
RIN
Q1
Brief Description
The ZLED7001, one of our ZLED family of LED control
ICs, is a peak current-mode control LED driver IC that is
optimal for buck LED driver applications. The ZLED7001
operates
in
constant
off-time
mode.
Capable
of
operating efficiently with voltage sources ranging from 8
VDC to 450 VDC or rectified 110 VAC/ 220 VAC, it is
ideal for High Brightness (HB) LED applications. The
ZLED7001 provides a PWM input for an external
dimming control signal. The ZLED7001’s linear dimming
input can be used both for linear dimming (0 to 240 mV)
and temperature compensation of the LED current.
Because the ZLED7001’s response time is limited only
by the rate of change in the inductor current, it attains a
high performance pulse-width modulation (PWM) dim-
ming response. The ZLED7001 ensures proper output
current regulation, without loop compensation, via peak
current-mode operation.
ZLED7001 Application Circuit
ZLED7001 Features
• Wide input range from 8 VDC to 450 VDC or
110 VAC/220 VAC
• Temperature compensation to protect the LEDs and
extend LED lifetime
• Operates in constant off-time mode
• Both PWM and linear dimming control signal inputs
available
• Very few external components needed for operation
• Broad range of applications: outputs greater than 1A
Application Examples
• Line-powered replacement LED lighting
• Illuminated LED signs and other displays
• LED street and traffic lighting
• Constant-current source for general purposes
• Architecture / building LED lighting
• LED backlighting
• Line powered LED flood lighting
• Interior / exterior LED lighting


Similar Part No. - ZLED-PCB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED-PCB1 IDT-ZLED-PCB1 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
ZLED-PCB1 IDT-ZLED-PCB1 Datasheet
900Kb / 22P
40V LED Driver with Temperature Compensation
More results

Similar Description - ZLED-PCB1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910B SUTEX-HV9910B_08 Datasheet
741Kb / 8P
Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
IS31LT3932 ISSI-IS31LT3932 Datasheet
766Kb / 12P
High PF universal LED Driver
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
Universal High Brightness LED Driver
logo
Bruckewell Technology L...
BW7381 BWTECH-BW7381 Datasheet
537Kb / 11P
Universal High Brightness LED Driver
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
UNIVERSAL HIGH VOLTAGE LED DRIVER
Rev 1
logo
List of Unclassifed Man...
SQ9910 ETC2-SQ9910 Datasheet
484Kb / 10P
Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
Universal High Brightness LED Driver
logo
Shenzhen Huazhimei Semi...
HM9910 HMSEMI-HM9910 Datasheet
689Kb / 4P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com