Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??Digital Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM74 Datasheet HTML 1Page - National Semiconductor (TI) LM74 Datasheet HTML 2Page - National Semiconductor (TI) LM74 Datasheet HTML 3Page - National Semiconductor (TI) LM74 Datasheet HTML 4Page - National Semiconductor (TI) LM74 Datasheet HTML 5Page - National Semiconductor (TI) LM74 Datasheet HTML 6Page - National Semiconductor (TI) LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Pin Descriptions
Label
SO-8
Pin #
micro
SMD
Pin #
Function
Typical Connection
SI/O
1
1
Slave Input/Output - Serial bus bi-directional data
line. Schmitt trigger input.
From and to Controller
SC
2
5
Slave Clock - Serial bus clock Schmitt trigger input
line.
From Controller
NC
3
No Connection
No Connection
GND
4
4
Power Supply Ground
Ground
NC
5
No Connection
No Connection
NC
6
No Connection
No Connection
CS
7
3
Chip Select input.
From Controller
V
+
8
2
Positive Supply Voltage Input
DC Voltage from 3.0V to 5.5V for the
LM74CIM and 2.65V to 5.5V for the
LM74CIBP. Bypass with a 0.1 µF ceramic
capacitor.
Typical Application
10090903
FIGURE 1. COP Microcontroller Interface
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com