Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??Digital Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM74 Datasheet HTML 2Page - National Semiconductor (TI) LM74 Datasheet HTML 3Page - National Semiconductor (TI) LM74 Datasheet HTML 4Page - National Semiconductor (TI) LM74 Datasheet HTML 5Page - National Semiconductor (TI) LM74 Datasheet HTML 6Page - National Semiconductor (TI) LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) LM74 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Logic Electrical Characteristics (Continued)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5 mA. The 20 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5 mA to four.
Note 3: See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in a current National
Semiconductor Linear Data Book for other methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: The life expectancy of the LM74 will be reduced when operating at elevated temperatures. LM74
θJA (thermal resistance, junction-to-ambient) when
attached to a printed circuit board with 2 oz. foil is summarized in the table below:
Device Number
NS Package
Number
Thermal
Resistance (
θ
JA)
LM74CIM
M08A
160˚C/W
LM74CIBP
BPD05MPB
250˚C/W
Note 6: All SOP (LM74CIM) parts will function over the V+ supply voltage range of 3V to 5.5V. All micro SMD (LM74SIBP) parts will function over the V+ supply
voltage range of 2.65V to 5.5V. The SOP (LM74CIM) parts are tested and specified for rated temperature error at their nominal supply voltage for temperature ranges
of −10˚C to +65˚C, −55˚C to +125˚C and −55˚C to +150˚C. For the SOP (LM74CIM) parts the temperature error specifications for temperature ranges of −40˚Cto
+85˚C, −25˚C to +110˚C and −40˚C to +110˚C include error induced by power supply variation of ±5% from the nominal value. For the LM74CIM (SOP) parts the
temperature error will increase by ±0.3˚C for a power supply voltage (V+) variation of ±10% from the nominal value.
For the LM74CIBP-3 (micro SMD) parts all accuracies are guaranteed over the supply range of 2.65V to 3.6V, except for the temperature ranges of -55˚C to 125˚C
and −55˚C to +150˚C where the accuracy applies for the nominal supply voltage of 3.3V. For the LM74CIBP-5 (micro SMD) parts all accuracies are guranteed over
the supply range of 4.75V to 5.25V, except for the temperature ranges of -55˚C to 125˚C and −55˚C to +150˚C where the accuracy applies for the nominal supply
voltage of 5.0V. For the LM74CIBP over -55˚C to 125˚C and −55˚C to +150˚C, a power supply variation of ±10% will degrade the accuracy by ±0.3˚C.
10090905
FIGURE 3. TRI-STATE Data Output Timing Diagram
10090906
FIGURE 4. Data Input Timing Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com