Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM74 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM74
Description  SPI/MICROWIRE??Digital Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM74 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM74 Datasheet HTML 1Page - National Semiconductor (TI) LM74 Datasheet HTML 2Page - National Semiconductor (TI) LM74 Datasheet HTML 3Page - National Semiconductor (TI) LM74 Datasheet HTML 4Page - National Semiconductor (TI) LM74 Datasheet HTML 5Page - National Semiconductor (TI) LM74 Datasheet HTML 6Page - National Semiconductor (TI) LM74 Datasheet HTML 7Page - National Semiconductor (TI) LM74 Datasheet HTML 8Page - National Semiconductor (TI) LM74 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM74
SPI/MICROWIRE12-Bit Plus Sign Temperature Sensor
General Description
The LM74 is a temperature sensor, Delta-Sigma analog-to-
digital converter with an SPI and MICROWIRE compatible
interface. The host can query the LM74 at any time to read
temperature. A shutdown mode decreases power consump-
tion to less than 10 µA. This mode is useful in systems where
low average power consumption is critical.
The LM74 has 12-bit plus sign temperature resolution
(0.0625˚C per LSB) while operating over a temperature
range of −55˚C to +150˚C.
The LM74’s 3.0V to 5.5V supply voltage range, low supply
current and simple SPI interface make it ideal for a wide
range of applications. These include thermal management
and protection applications in hard disk drives, printers, elec-
tronic test equipment, and office electronics. The LM74 is
available in the SO-8 package as well as an 5-Bump micro
SMD package.
Applications
n
System Thermal Management
n
Personal Computers
n
Disk Drives
n
Office Electronics
n
Electronic Test Equipment
Features
n
0.0625˚C temperature resolution.
n
Shutdown mode conserves power between temperature
reading
n
SPI and MICROWIRE Bus interface
n
5-Bump micro SMD package saves space
Key Specifications
j Supply Voltage
3.0V or 2.65V to
5.5V
j Supply Current
operating
265µA (typ)
520µA (max)
shutdown
3µA (typ)
j Temperature
Accuracy
−10˚C to 65˚C
±1.25˚C(max)
−25˚C to 110˚C
±2.1˚C(max)
−55˚C to 125˚C
±3˚C(max)
Simplified Block Diagram
10090901
MICROWIRE® is a registered trademark of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
April 2003
© 2003 National Semiconductor Corporation
DS100909
www.national.com


Similar Part No. - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM74 NSC-LM74 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74 TI2-LM74 Datasheet
887Kb / 25P
LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
REVISED MARCH 2013
logo
LM Technologies Ltd
LM740 LMTECHNOLOGIES-LM740 Datasheet
4Mb / 8P
Bluetooth Audio Module Class 2 Module CSR BC05 MM - External Antenna
27/FEB/2015
logo
Seoul Semiconductor
LM740Z SEOUL-LM740Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
logo
National Semiconductor ...
LM741 NSC-LM741 Datasheet
213Kb / 8P
Operational Amplifier
May 1998
More results

Similar Description - LM74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310_17 Datasheet
442Kb / 25P
16-Bit Digital SPI Temperature Sensor
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com