Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7031 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ZLED7031
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7031 Datasheet(HTML) 3 Page - Integrated Device Technology

  ZLED7031 Datasheet HTML 1Page - Integrated Device Technology ZLED7031 Datasheet HTML 2Page - Integrated Device Technology ZLED7031 Datasheet HTML 3Page - Integrated Device Technology ZLED7031 Datasheet HTML 4Page - Integrated Device Technology ZLED7031 Datasheet HTML 5Page - Integrated Device Technology ZLED7031 Datasheet HTML 6Page - Integrated Device Technology ZLED7031 Datasheet HTML 7Page - Integrated Device Technology ZLED7031 Datasheet HTML 8Page - Integrated Device Technology ZLED7031 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ZSLS7031 Datasheet
© 2016 Integrated Device Technology, Inc.
3
January 26, 2016
Contents
1
IC Characteristics .......................................................................................................................................................... 5
1.1
Absolute Maximum/Minimum Ratings.................................................................................................................... 5
1.2
Operating Conditions ............................................................................................................................................. 5
1.3
Electrical Parameters............................................................................................................................................. 6
1.4
Typical Performance Characteristics Graphs......................................................................................................... 7
2
Circuit Description ......................................................................................................................................................... 9
2.1
ZSLS7031 Overview .............................................................................................................................................. 9
2.2
Startup Voltage ...................................................................................................................................................... 9
2.3
Soft Start Control ................................................................................................................................................... 9
2.4
Gate Output Voltage Clamp................................................................................................................................. 10
2.5
VSINE Detection Network and Active PFC............................................................................................................. 10
2.6
Operating Frequency ........................................................................................................................................... 11
2.7
Output Over-Voltage Protection........................................................................................................................... 12
2.8
Output Over-Current Protection (OCP) ................................................................................................................ 12
2.9
Under-Voltage Lock Out (UVLO) ......................................................................................................................... 12
3
Application Circuit Design ........................................................................................................................................... 13
3.1
Typical Applications ............................................................................................................................................. 13
3.2
Line Regulation Compensation Design................................................................................................................ 13
3.3
Transformer Design ............................................................................................................................................. 13
3.4
Printed Circuit Board (PCB) Design Considerations ............................................................................................ 16
4
ESD Protection............................................................................................................................................................ 18
5
Pin Configuration and Package ................................................................................................................................... 18
6
Glossary ...................................................................................................................................................................... 19
7
Ordering Information ................................................................................................................................................... 20
8
Document Revision History ......................................................................................................................................... 20
List of Figures
Figure 1.1
VIN vs. PF (Output: VOUT=40V, IOUT=0.45A) .................................................................................................... 7
Figure 1.2
VIN vs. IOUT (Output: target IOUT=0.45A, VOUT=40V, without line compensation circuit) ................................... 7
Figure 1.3
VIN vs. Efficiency (Output: VOUT=40V, IOUT=0.45A) ......................................................................................... 7
Figure 1.4
VIN vs. IOUT (Output: target IOUT=0.45A, VOUT=40V, with line compensation circuit) ........................................ 7
Figure 1.5
THD of VIN=110V (Output: VOUT=40V, IOUT=0.45A) ........................................................................................ 8
Figure 1.6
THD of VIN=230V (Output: VOUT=40V, IOUT=0.45A) ........................................................................................ 8
Figure 2.1
ZSLS7031 Block Diagram .............................................................................................................................. 9
Figure 2.2
ZSLS7031 Soft Start .................................................................................................................................... 10
Figure 2.3
Active PFC ................................................................................................................................................... 11
Figure 2.4
Output Over-Voltage Protection ................................................................................................................... 12
Figure 2.5
Under-Voltage Lock Out ............................................................................................................................... 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com