Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7031 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZLED7031
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7031 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZLED7031 Datasheet HTML 12Page - Integrated Device Technology ZLED7031 Datasheet HTML 13Page - Integrated Device Technology ZLED7031 Datasheet HTML 14Page - Integrated Device Technology ZLED7031 Datasheet HTML 15Page - Integrated Device Technology ZLED7031 Datasheet HTML 16Page - Integrated Device Technology ZLED7031 Datasheet HTML 17Page - Integrated Device Technology ZLED7031 Datasheet HTML 18Page - Integrated Device Technology ZLED7031 Datasheet HTML 19Page - Integrated Device Technology ZLED7031 Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ZSLS7031 Datasheet
© 2016 Integrated Device Technology, Inc.
16
January 26, 2016
3.4
Printed Circuit Board (PCB) Design Considerations
The guidelines in this section are strongly recommended when laying out application circuits. As for all switching
power supplies, especially those providing high current and using high switching frequencies, layout is an impor-
tant design step. If the layout is not well-designed, the regulator could show instability as well as EMI problems.
For additional information, refer to the IDT application note PCB Layout Design Guidelines for LED Driver Circuits
available at www.IDT.com.
Components such as R4, RCS, R6, R7, R2, C2, C5, etc., that are connected to the ZSLS7031 as well as the
bypass capacitors should be mounted as close to the ZSLS7031 as possible.
Switching signal traces should be kept as short as possible and not be routed in parallel to one another so as to
prevent coupling. Power ground and signal ground should be separated, and the traces of power ground should
be kept as short as possible.
Figure 3.3 shows, as an example, the layout of the ZSLS7031 Demonstration Board comprising a 20W isolated
flyback design on a 28mm x 71mm PCB area. Note: This board’s component labels are different from those in
previous schematics and equations. Figure 3.4 shows the corresponding circuit diagram.
Figure 3.3
ZSLS7031PCB-D1v1 Demonstration Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com