Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7031 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZLED7031
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7031 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZLED7031 Datasheet HTML 1Page - Integrated Device Technology ZLED7031 Datasheet HTML 2Page - Integrated Device Technology ZLED7031 Datasheet HTML 3Page - Integrated Device Technology ZLED7031 Datasheet HTML 4Page - Integrated Device Technology ZLED7031 Datasheet HTML 5Page - Integrated Device Technology ZLED7031 Datasheet HTML 6Page - Integrated Device Technology ZLED7031 Datasheet HTML 7Page - Integrated Device Technology ZLED7031 Datasheet HTML 8Page - Integrated Device Technology ZLED7031 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Isolated and Non-isolated Flyback
LED Driver with Active PFC
ZSLS7031
Datasheet
© 2016 Integrated Device Technology, Inc.
1
January 26, 2016
Brief Description
The ZSLS7031 is a primary-side controlled, peak-
current-mode high-brightness LED flyback driver
that supports both isolated and non-isolated
designs with active power factor correction (PFC).
The device works at a constant frequency in
discontinuous conduction mode to provide con-
stant power to the output. It eliminates the need for
an opto-coupler, TL431 shunt regulator, or any
other type of secondary-side feedback device. It
operates from a wide input voltage range of
85VAC to 265VAC.
The ZSLS7031 integrates over-current and over-
voltage protection, as well as a thermal shutdown
to halt the switching action in the event of abnor-
mally high operating temperatures.
Benefits
High efficiency
Minimum bill of materials
Small form-factor package
No loop compensation required
Isolated and non-isolated applications
Features
Power factor PF > 0.95 depending on
application
Wide application input voltage range: 85V to
265VAC
Internal over-temperature protection
Output over-voltage protection (OVP)
Output over-current protection (OCP) on
primary side
Available Support
Evaluation Kit
Physical Characteristics
Operating temperature:-45°C to 105°C
Maximum junction temperature: 150°C
Package: MSOP-8, RoHS-compliant
ZSLS7031 Typical Isolated Application
Q1
IC1
ZSLS7031
VSINE
1
FSET
3
GND
4
GATE
7
CS
6
FB
5
n.c.
2
VCC
8
D3
TR
LED+
LED1 to LEDn
LED-
D4
C6
R8
C1
R1
R2
C2
Rset
R3
C4
Rcs
R9
C3
R5
C5
R6
R7
D2
D1
DB1 to DB4
L
85VAC to 265VAC
N
Fuse


Similar Part No. - ZLED7031

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
High Current 40V LED Driver with Switch Dimming
April 20, 2016
logo
List of Unclassifed Man...
ZLED7030-ZI1R ETC2-ZLED7030-ZI1R Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7030KIT-D1 ETC2-ZLED7030KIT-D1 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
More results

Similar Description - ZLED7031

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Shenzhen Winsemi Microe...
WS3410 WINSEMI-WS3410 Datasheet
177Kb / 8P
WS3410 Active PFC Non-isolated Buck LED Driver
WS3411 WINSEMI-WS3411 Datasheet
180Kb / 8P
WS3411 Active PFC Non-isolated Buck LED Driver
WS3412 WINSEMI-WS3412 Datasheet
173Kb / 8P
WS3412 Active PFC Non-isolated Buck LED Driver
WS3413 WINSEMI-WS3413 Datasheet
178Kb / 8P
WS3413 Active PFC Non-isolated Buck LED Driver
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com