Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 39 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 35Page - Analog Devices ADA4530-1 Datasheet HTML 36Page - Analog Devices ADA4530-1 Datasheet HTML 37Page - Analog Devices ADA4530-1 Datasheet HTML 38Page - Analog Devices ADA4530-1 Datasheet HTML 39Page - Analog Devices ADA4530-1 Datasheet HTML 40Page - Analog Devices ADA4530-1 Datasheet HTML 41Page - Analog Devices ADA4530-1 Datasheet HTML 42Page - Analog Devices ADA4530-1 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 38 of 50
400
–400
–300
–200
–100
0
100
200
300
–100
100
20
40
60
80
0
–20
–40
–60
–80
APPLIED VOLTAGE (mV)
Figure 114. Current to Voltage Response of RMA Contaminated Insulation
ADA4530-1
RBATT
VBATT
8
1
6
VOUT
B
A
RF
IBATT
BATTERY
MODEL
Figure 115. TIA Circuit with Contamination Battery
CLEANING AND HANDLING
The contamination described in the Contamination section can
usually be removed by an appropriate cleaning process. Solvents
like isopropyl alcohol (IPA) are effective at removing the residue
from solder fluxes and body oils. Use high purity cleanroom
grade solvents to ensure that there is no additional contamina-
tion from the solvent itself.
Insulators that are severely contaminated benefit from mechani-
cal abrasion in addition to the solvent. Ultrasonic cleaners are
highly effective. Scrubbing the area around the high impedance
insulators with an acid brush also works. Flush the insulators
with a final wash of fresh IPA to remove any contaminants
suspended in the solvent.
The residual moisture must be allowed to completely evaporate
before the insulator can be used. This evaporation may take
many hours at room temperature; the process can be accelerated
by baking the insulators in an oven at elevated temperature.
For detailed cleaning and handling procedures, refer to the
ADA4530-1R-EBZ User Guide.
SOLDER PASTE SELECTION
Solder paste selection can drastically impact the performance of
the board if not cleaned properly. Solder flux residue on a PCB
degrades the low IB performance of the amplifier. An experiment
was performed to evaluate the cleaning procedure for different
solder paste types. Table 7 shows the result of the experiment.
The recommended cleaning procedure column lists the times
required to restore the effective input bias currents to less than
1 fA. The suggested solder paste of choice is the RMA type.
Table 7. Recommended Cleaning Procedures for Different Solder Paste Material
Solder Paste Type
Solder Paste Part Number
Recommended Cleaning Procedure1
RMA
AIM RMA258-15R
15 min clean time in an ultrasonic cleaner with fresh IPA, followed by 1.5 hours
of bake time at 125°C
Water Soluble
SAC305 Shenmao
1.5 hours clean time in an ultrasonic cleaner with fresh IPA, followed by 1.5 hours
of bake time at 125°C
No Clean
SAC 305 AMTECH LF4300
3 hours clean time in an ultrasonic cleaner with fresh IPA, followed by 3 hours of
bake time at 125°C
1 Bake time was not optimized and was set equal to the cleaning time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com