Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 9Page - Analog Devices ADA4530-1 Datasheet HTML 10Page - Analog Devices ADA4530-1 Datasheet HTML 11Page - Analog Devices ADA4530-1 Datasheet HTML 12Page - Analog Devices ADA4530-1 Datasheet HTML 13Page - Analog Devices ADA4530-1 Datasheet HTML 14Page - Analog Devices ADA4530-1 Datasheet HTML 15Page - Analog Devices ADA4530-1 Datasheet HTML 16Page - Analog Devices ADA4530-1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 12 of 50
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 4.5V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = –0.29µV/°C
σ = 0.42µV/°C
Figure 10. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 4.5 V
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 10V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = –0.29µV/°C
σ = 0.42µV/°C
Figure 11. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 10 V
TCVOS (µV/°C)
120
100
80
60
40
20
0
VSY = 16V
VCM = VSY/2
574 CHANNELS
–40°C ≤ TA ≤ 0°C
x = –0.29µV/°C
σ = 0.41µV/°C
Figure 12. Input Offset Voltage Drift Distribution, −40°C ≤ TA ≤ 0°C, VSY = 16 V
120
100
80
60
40
20
0
–0.5 –0.4 –0.3 –0.2 –1.0
0
0.1
0.2
0.3
0.4
0.5
TCVOS (µV/°C)
VSY = 4.5V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = –0.025µV/°C
σ = 0.107µV/°C
Figure 13. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 4.5 V
120
100
80
60
40
20
0
–0.5 –0.4 –0.3 –0.2 –1.0
0
0.1
0.2
0.3
0.4
0.5
TCVOS (µV/°C)
VSY = 10V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = –0.025µV/°C
σ = 0.107µV/°C
Figure 14. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 10 V
120
100
80
60
40
20
0
–0.5 –0.4 –0.3 –0.2 –1.0
0
0.1
0.2
0.3
0.4
0.5
TCVOS (µV/°C)
VSY = 16V
VCM = VSY/2
574 CHANNELS
0°C ≤ TA ≤ 125°C
x = –0.024µV/°C
σ = 0.107µV/°C
Figure 15. Input Offset Voltage Drift Distribution, 0°C ≤ TA ≤ 125°C, VSY = 16 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com