Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4530-1 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4530-1
Description  Femtoampere Input Bias Current Electrometer Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4530-1 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4530-1 Datasheet HTML 17Page - Analog Devices ADA4530-1 Datasheet HTML 18Page - Analog Devices ADA4530-1 Datasheet HTML 19Page - Analog Devices ADA4530-1 Datasheet HTML 20Page - Analog Devices ADA4530-1 Datasheet HTML 21Page - Analog Devices ADA4530-1 Datasheet HTML 22Page - Analog Devices ADA4530-1 Datasheet HTML 23Page - Analog Devices ADA4530-1 Datasheet HTML 24Page - Analog Devices ADA4530-1 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
ADA4530-1
Data Sheet
Rev. A | Page 20 of 50
MAIN AMPLIFIER, AC PERFORMANCE
VSY = 4.5 V to 16 V, data taken at VSY = 10 V, TA = 25°C, unless otherwise noted.
120
100
80
60
40
20
0
–20
–40
–60
10k
100k
1M
10M
FREQUENCY (Hz)
120
100
80
60
40
20
0
–20
–40
–60
10pF
10pF
100pF
100pF
VSY = 10V
RL = 10kΩ
Figure 55. Open-Loop Gain and Phase Margin vs. Frequency
10k
100k
10M
1M
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
VSY = 10V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
Figure 56. CMRR vs. Frequency
10k
100k
10M
1M
60
50
40
30
20
10
0
FREQUENCY (Hz)
PSSR+
PSSR–
VSY = 10V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
Figure 57. PSRR vs. Frequency
60
–20
0
–10
10
30
50
20
40
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 10V
RL = 10kΩ
CL = 10pF
AV = +1
AV = +10
AV = +100
Figure 58. Closed-Loop Gain vs. Frequency
10k
0.0001
0.01
0.001
0.1
10
1k
1
100
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = +10
AV = +100
AV = +1
VSY = 10V
VCM = VSY/2
Figure 59. Closed-Loop Output Impedance vs. Frequency
60
50
40
30
20
10
0
0
30
60
90
120
150
180
210
240
270
LOAD CAPACITANCE (pF)
VSY = 10V
VIN = 100mV p-p
AV = +1
RL = 10kΩ
OS–
OS+
Figure 60. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com