Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
Rev. E | Page 17 of 32
100
10
1
0.1
0.01
0.001
0.0001
0.001
1
0.1
0.01
AMPLITUDE (V rms)
VSY = ±2.5V
AV = 1
FREQUENCY = 1kHz
RL = 10kΩ
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 48. THD + N vs. Amplitude, VSY = ±2.5 V
100
10
1
0.1
0.01
0.001
0.0001
0.001
10
1
0.1
0.01
AMPLITUDE (V rms)
VSY = ±15V
AV = 1
FREQUENCY = 1kHz
RL = 10kΩ
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 49. THD + N vs. Amplitude, VSY = ±15 V
100
10
1
0.1
0.01
0.001
0.0001
0.001
10
1
0.1
0.01
AMPLITUDE (V rms)
VSY = ±27.5V
AV = 1
FREQUENCY = 1kHz
RL = 10kΩ
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 50. THD + N vs. Amplitude, VSY = ±27.5 V
1
0.1
0.01
0.001
0.0001
10
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±2.5V
AV = 1
RL = 10kΩ
VIN = 0.6V rms
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 51. THD + N vs. Frequency, VSY = ±2.5 V
1
0.1
0.01
0.001
0.0001
10
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±15V
AV = 1
RL = 10kΩ
VIN = 6V rms
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 52. THD + N vs. Frequency, VSY = ±15 V
1
0.1
0.01
0.001
0.0001
10
100k
10k
1k
100
FREQUENCY (Hz)
VSY = ±27.5V
AV = 1
RL = 10kΩ
VIN = 10V rms
80kHz LOW-PASS FILTER
500kHz LOW-PASS FILTER
Figure 53. THD + N vs. Frequency, VSY = ±27.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com