Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 20 of 32
TIME (2µs/DIV)
VSY = ±2.5V
RL = 10kΩ
CL = 50pF
DUT AV = –1
INPUT
OUTPUT
+10mV
0
–10mV
+1V
0
–1V
ERROR BAND
POST GAIN = 10
Figure 66. Negative Settling Time to 0.1%, VSY = ±2.5 V
TIME (4µs/DIV)
VSY = ±15V AND ±27.5V
RL = 10kΩ
CL = 50pF
DUT AV = –1
INPUT
OUTPUT
+50mV
0
–50mV
ERROR BAND
POST GAIN = 10
+5V
0
–5V
Figure 67. Negative Settling Time to 0.1%, VSY = ±15 V and ±27.5 V
0
10
20
30
40
50
60
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10kΩ
AV = –1
VIN = ±26V
VSY = ±27.5V
VIN = ±13.5V
VSY = ±15V
VIN = ±1V
VSY = ±2.5V
Figure 68. Output Voltage Swing vs. Frequency
TIME (2µs/DIV)
VSY = ±2.5V
RL = 10kΩ
CL = 50pF
DUT AV = –1
INPUT
OUTPUT
+10mV
0
–10mV
ERROR BAND
POST GAIN = 10
+1V
0
–1V
Figure 69. Positive Settling Time to 0.1%, VSY = ±2.5 V
TIME (4µs/DIV)
VSY = ±15V AND ±27.5V
RL = 10kΩ
CL = 50pF
DUT AV = –1
INPUT
OUTPUT
+50mV
0
–50mV
ERROR BAND
POST GAIN = 10
+5V
0
–5V
Figure 70. Positive Settling Time to 0.1%, VSY = ±15 V and ±27.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com