Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-1ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4522-1ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-1ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4522-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4522-1ARZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADA4522-1/ADA4522-2/ADA4522-4
Data Sheet
Rev. E | Page 18 of 32
0.2
–0.2
–0.6
–1.0
–1.4
0
–0.4
–0.8
–1.2
7
5
3
1
–1
6
4
2
0
TIME (1µs/DIV)
VSY = ±2.5V
VIN = 350mV p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 54. Positive Overload Recovery, VSY = ±2.5 V
2
–2
–3
–10
–14
0
–4
–8
–12
35
25
15
5
–5
30
20
10
0
TIME (4µs/DIV)
VSY = ±15V
VIN = 2V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 55. Positive Overload Recovery, VSY = ±15 V
2
–2
–3
–10
–14
0
–4
–8
–12
70
50
30
10
–10
60
40
20
0
TIME (10µs/DIV)
VSY = ±27.5V
VIN = 4V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 56. Positive Overload Recovery, VSY = ±27.5 V
0.4
0
–0.4
–0.8
–1.2
0.2
–0.2
–0.6
–1.0
5
3
1
–1
–3
4
2
0
–2
TIME (1µs/DIV)
VSY = ±2.5V
VIN = 350mV p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 57. Negative Overload Recovery, VSY = ±2.5 V
6
2
–2
–6
–10
4
0
–4
–8
20
10
0
–10
–20
15
5
–5
–15
TIME (2µs/DIV)
VSY = ±15V
VIN = 2V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 58. Negative Overload Recovery, VSY = ±15 V
6
2
–2
–6
–10
4
0
–4
–8
40
20
0
–20
–40
30
10
–10
–30
TIME (4µs/DIV)
VSY = ±27.5V
VIN = 4V p-p
RL = 10kΩ
CL = 100pF
AV = –10
VIN
VOUT
Figure 59. Negative Overload Recovery, VSY = ±27.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com