Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-4ARUZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4807-4ARUZ-R7
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-4ARUZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4807-4ARUZ-R7 Datasheet HTML 23Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 24Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 25Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 26Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 27Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 28Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 27 of 33
ADA4807-1/
ADA4807-2/
ADA4807-4
ADA4807-1/
ADA4807-2/
ADA4807-4
+
+5V
+5V
+5V
VOUT
C7
27pF
C9
2pF
C0
20pF
VOS
TRIM
Rb
100Ω
R12
100Ω
R3
1kΩ
R4
5kΩ
R13
100Ω
R0
100Ω
R1
10Ω
R2
100Ω
R6
5kΩ
R7
200Ω
VOS
TRIM
V–
–5V
V+
qn0
qn1
1/2 LSK489
1/2 PMP4201
ADR510
1/2 PMP4201
1/2 LSK489
–5V
–5V
–
+
–
Figure 70. Low Noise FET Operational Amplifier Schematic
CH1 200mV
CH2 1V
M100ns
A CH1
0V
1
2
Ω
Figure 71. Pulse Response, G = 10, 4 V p-p Output
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
100
1k
10k
20k
FREQUENCY (Hz)
Figure 72. 8 V p-p Output, THD + N for G = 10, RLOAD = 600 Ω
POWER MODE ADC DRIVER
One of the merits of a SAR ADC, such as the AD7980, is that its
power scales with the sampling rate. This power scaling makes
SAR ADCs very power efficient, especially when running at a
low sampling frequency. However, the ADC driver used with
the SAR ADC traditionally consumes constant power regardless
of the sampling frequency.
Figure 73 illustrates a method by which the quiescent power of
the ADC driver can be reduced by 95% while still maintaining
the input signal to the ADC. Both the ADA4807-1/ADA4807-2/
ADA4807-4 and the AD8603 are rail-to-rail input and output
(RRIO) amplifiers and can operate on a single 5 V analog supply.
Connecting the AD8603 in parallel with a sharing resistor allows
the ADA4807-1/ADA4807-2/ADA4807-4 to be powered down,
reducing the total supply current for the driver from 1 mA to
50 μA. The sampling frequency of the AD7980 can then be
reduced to match the power consumption of the AD8603. With
the ADA4807-1/ADA4807-2/ADA4807-4 powered on, the SNR
and THD are 84.1 dB and −100.3 dB for a 3 V p-p, 1 kHz input
and a 4.096 V reference. The SNR and THD degrade to 81.4 dB
and −77.3 dB for the same input signal in the low power mode
when only the AD8603 is on.
One issue with this method is that the reference and reference
buffer power do not scale with the ADC or the driver. This
makes this configuration most useful in multichannel systems
where the reference can be reused across many inputs.
Alternately, the reference buffer can be scaled in the same
fashion as the input driver; however, the reference itself must
remain on in any of the modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com