Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-4ARUZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4807-4ARUZ-R7
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-4ARUZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4807-4ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 9 of 33
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
11 V
Internal Power Dissipation
See Figure 5
Input Voltage (Common Mode)
±VS ± 0.2 V
Differential Input Voltage
±1.4 V
Output Short-Circuit Duration
See power
derating curves in
Figure 5
Storage Temperature Range (All Packages)
−65°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
ADA4807-1/ADA4807-2/ADA4807-4 is limited by the associated
rise in junction temperature. The maximum safe junction
temperature for plastic encapsulated devices is determined by
the glass transition temperature of the plastic, approximately
150°C. Exceeding this limit temporarily can cause a shift in
parametric performance due to a change in the stresses exerted
on the die by the package. Exceeding a junction temperature of
175°C for an extended period can result in device failure.
Although the ADA4807-1/ADA4807-2/ADA4807-4 are
internally short-circuit protected, this may not be sufficient to
guarantee that the maximum junction temperature (150°C) is
not exceeded under all conditions. To ensure proper operation,
it is necessary to observe the power derating curves shown in
Figure 5.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 6. Thermal Resistance
Package Type
θJA
Unit
6-Lead SC70, 4-Layer Board
209
°C/W
6-Lead SOT-23, 4-Layer Board
223
°C/W
8-Lead MSOP
123
°C/W
10-Lead LFCSP
51
°C/W
14-Lead TSSOP
130
°C/W
–40
–25
–10
5
20
35
50
65
80
95
110
125
AMBIENT TEMPERATURE (°C)
SOT-23
TSSOP
MSOP
LFCSP
SC70
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 5. Maximum Power Dissipation vs. Ambient Temperature for a
4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com