Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4807-4ARUZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4807-4ARUZ-R7
Description  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4807-4ARUZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4807-4ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 13Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 14Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Data Sheet
ADA4807-1/ADA4807-2/ADA4807-4
Rev. B | Page 11 of 33
1
VOUT1
2
–IN1
3
+IN1
4
–VS
5
DISABLE1
10 +VS
NOTES
1. THE EXPOSED PAD CAN BE CONNECTED TO
GROUND OR POWER PLANES, OR IT CAN
BE LEFT FLOATING.
9VOUT2
8–IN2
7+IN2
6 DISABLE2
Figure 7. ADA4807-2 10-Lead LFCSP Pin Configuration
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
Figure 8. ADA4807-2 8-Lead MSOP Pin Configuration
Table 8. ADA4807-2 Pin Function Descriptions
Pin No.
10-Lead LFCSP
8-Lead MSOP
Mnemonic
Description
1
1
VOUT1
Output 1.
2
2
−IN1
Inverting Input 1.
3
3
+IN1
Noninverting Input 1.
4
4
−VS
Negative Supply.
5
Not applicable
DISABLE1
Active Low Power-Down 1.
6
Not applicable
DISABLE2
Active Low Power-Down 2.
7
5
+IN2
Noninverting Input 2.
8
6
−IN2
Inverting Input 2.
9
7
VOUT2
Output 2.
10
8
+VS
Positive Supply.
Not applicable
EPAD
Exposed Pad. For the 10-Lead LFCSP, the exposed pad can be connected to ground
or power planes, or it can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com