Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARJZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4610-1ARJZ-R2
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARJZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4610-1ARJZ-R2 Datasheet HTML 5Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 6Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 7Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 8Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 9Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 9 of 25
OUT A 1
–IN A 2
+IN A 3
V+ 4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B 6
–IN C
9
OUT B 7
OUT C
8
ADA4610-4
TOP VIEW
(Not to Scale)
Figure 7. ADA4610-4 Pin Configuration, 14-Lead SOIC (R Suffix)
12
11
10
1
3
4
–IN D
+IN D
V–
9
+IN C
–IN A
V+
2
+IN A
+IN B
TOP
VIEW
ADA4610-4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2.THE EXPOSED PAD MUST BE CONNECTED TO V–.
Figure 8. ADA4610-4 Pin Configuration, 16-Lead LFCSP (CP Suffix)
Table 9. ADA4610-4 Pin Function Descriptions, 14-Lead SOIC and 16-Lead LFCSP
Pin No.
14-Lead SOIC
16-Lead LFCSP
Mnemonic
Description
1
15
OUT A
Output Channel A.
2
1
−IN A
Inverting Input Channel A.
3
2
+IN A
Noninverting Input Channel A.
4
3
V+
Positive Supply Voltage.
5
4
+IN B
Noninverting Input Channel B.
6
5
−IN B
Inverting Input Channel B.
7
6
OUT B
Output Channel B.
8
7
OUT C
Output Channel C.
9
8
−IN C
Inverting Input Channel C.
10
9
+IN C
Noninverting Input Channel C.
11
10
V−
Negative Supply Voltage.
12
11
+IN D
Noninverting Input Channel D.
13
12
−IN D
Inverting Input Channel D.
14
14
OUT D
Output Channel D.
Not applicable
13, 16
NIC
Not Internally Connected.
Not applicable
EPAD
Exposed Pad. The exposed pad must be connected to V−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com