Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARJZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4610-1ARJZ-R2
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARJZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4610-1ARJZ-R2 Datasheet HTML 10Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. G | Page 14 of 25
120
140
100
80
60
40
20
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 33. CMRR vs. Frequency, VSY = ±5 V
3
2
1
0
–1
–2
–3
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
Figure 34. Large Signal Transient Response, VSY = ±5 V, AV = +1,
RL = 2 kΩ, CL = 100 pF
75
50
25
0
–25
–50
–75
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
Figure 35. Small Signal Transient Response, VSY = ±5 V, AV = +1,
RL = 2 kΩ, CL = 100 pF
120
140
100
80
60
40
20
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 36. CMRR vs. Frequency, VSY = ±15 V
12
8
4
0
–4
–8
–12
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
Figure 37. Large Signal Transient Response, VSY = ±15 V, AV = +1,
RL = 2 kΩ, CL = 100 pF
75
50
25
0
–25
–50
–75
0
1
2
3
4
5
6
7
8
9
10
TIME (µs)
Figure 38. Small Signal Transient Response, VSY = ±15 V, AV = +1,
RL = 2 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com