Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARJZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4610-1ARJZ-R2
Description  Rail-to-rail output
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARJZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4610-1ARJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 19Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 20Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 21Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 22Page - Analog Devices ADA4610-1ARJZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. G | Page 19 of 25
FUNCTIONAL DESCRIPTION
The ADA4610-1/ADA4610-2/ADA4610-4 are manufactured
using the Analog Devices, Inc., iPolar® process, a 36 V dielectrically
isolated (DI) process with P-channel JFET technology. The
unique architecture of the ADA4610-1/ADA4610-2/ADA4610-4
makes it possible to combine high precision and high speed
characteristics into a high voltage, low power op amp. A simplified
schematic for the ADA4610-1/ADA4610-2/ADA4610-4 is
shown in Figure 57. The JFET input stage architecture offers
advantages of low input bias current, high bandwidth, high
gain, low noise, and no phase reversal when the applied input
signal exceeds the common-mode voltage range. The output
stage is rail to rail with high drive characteristics and low
dropout voltage for both sinking and sourcing currents.
The ADA4610-1/ADA4610-2/ADA4610-4 are unconditionally
stable for all gain configurations, even with capacitive loads well
in excess of 1 nF. The devices have internal protective circuitry
that allows voltages as high as 0.3 V beyond the supplies to be
applied at the input of either terminal without causing damage (for
higher input voltages, refer to the Input Overvoltage Protection
section). The ADA4610-1/ADA4610-2 B grades achieve less
than 0.4 mV of offset and 4 µV/°C of offset drift; these
characteristics are usually associated with very high precision
bipolar input amplifiers. The gate current of a typical JFET
doubles every 10°C, resulting in a similar increase in input bias
current over temperature. The low power consumption
characteristic of the ADA4610-1/ADA4610-2/ADA4610-4
minimizes the die temperature, which warrants low input bias
currents even at elevated ambient temperatures, making the
amplifiers ideal for applications that require low leakage
specifications without active cooling. Give special care to the
printed circuit board (PCB) layout to minimize leakage currents
between PCB traces. Improper layout and board handling may
generate leakage currents exceeding the bias currents of the
operational amplifier.
The ADA4610-1/ADA4610-2/ADA4610-4 are fully specified with
supply voltages from ±5 V to ±15 V over the extended industrial
temperature range of −40°C to +125°C. The ADA4610-1 is
available in an 8-lead SOIC. The ADA4610-2 is available in an
8-lead MSOP, an 8-lead SOIC, and an 8-lead LFCSP. The
ADA4610-4 is available in a 14-lead SOIC and a 16-lead
LFCSP. All these packages are surface-mount type.
1+
+ –
D31
Q28
Q27
VOUT
V–
Q15
Q14
Q13
Q17
Q16
Q23
Q29
Q30
J1
J2
Q9
Q5
Q4
Q8
Q1
Q6
Q7
Q25
Q24
Q18
Q12
I2
I3
I4
C2
C1
C3
DE1
VIN+
VIN–
C4
A2
A1
R16
R7
R6
R3
R5
R2
R10
R11
RC4
D26
R15
V+
DE5
DE6
DE3
DE2
DE4
Figure 57. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com