Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03 Datasheet(PDF) 2 Page - Rohm

Part # RSQ035P03
Description  DC-DC Converter (-30V, -3.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03 Datasheet(HTML) 2 Page - Rohm

  RSQ035P03 Datasheet HTML 1Page - Rohm RSQ035P03 Datasheet HTML 2Page - Rohm RSQ035P03 Datasheet HTML 3Page - Rohm RSQ035P03 Datasheet HTML 4Page - Rohm RSQ035P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSQ035P03
Transistor
2/4
Absolute maximum ratings
(Ta=25
°C)
Parameter
V
V
A
A
W
°C
A
A
°C
VDSS
VGSS
IS
PD
Tch
ID
ISP
IDP
Tstg
Symbol
−30
±20
−1
−4
1.25
150
−55~+150
Limits
Unit
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Drain
−source voltage
Gate
−source voltage
Drain current
Source current
(Body diode)
Total power dissipation
Channel temperature
Range of Strage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1
∗1
∗2
±3.5
±14
=
=
Electrical characteristics
(Ta=25
°C)
Parameter
Symbol
IGSS
V(BR)DSS
IDSS
VGS(th)
RDS(on)
Ciss
Yfs
Coss
Crss
Min.
−30
−1.0
2.0
45
780
180
130
±10
−1
−2.5
65
65
90
µA
VGS
=
±20V, VDS=0V
ID
=
−1
, VGS
=0V
VDS
=
−30V, VGS=0V
VDS
=
−10V, ID=−1.75mA
VDS
=
−10V, ID=−1
ID
=
−3.5A, VGS=−10V
VDS
=
−10V,VGS=0V
f
=1MHz
V
µA
V
m
m
pF
S
pF
pF
td(on)
15
ID
=
−1.75A
VDD
−15V
ns
tr
35
VGS
=
−10V
ns
td(off)
45
RL
=8.6
ns
tr
25
RGS
=10
ns
Typ.
Max.
Unit
Conditions
Gate-source leakage
Gate threshold voltage
Foward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Turn-off delay time
Rise time
Fall time
Drain-source breakdown voltage
Static drain-source on-state
resistance
Zero gate voltage drain current
Total gate charge
Gate-source charge
Gate-drain charge
Forward voltage
Qg
Qgs
Qgd
VSD
m
V
nC
nC
nC
−1.2
70
9.2
2.2
3.4
95
mA,
mA
ID
=
−3.5A, VGS=−4.5V
ID
=
−1.75A, VGS=−4.0V
VDD
−15V
VGS
=
−5V
IS
=
−1A, VGS=0V
∗PULSED
ID
=
−3.5mA
Body diode characteristics (source-drain characteristics)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com