Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03 Datasheet(PDF) 1 Page - Rohm

Part # RSQ035P03
Description  DC-DC Converter (-30V, -3.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03 Datasheet(HTML) 1 Page - Rohm

  RSQ035P03 Datasheet HTML 1Page - Rohm RSQ035P03 Datasheet HTML 2Page - Rohm RSQ035P03 Datasheet HTML 3Page - Rohm RSQ035P03 Datasheet HTML 4Page - Rohm RSQ035P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSQ035P03
Transistor
1/4
DC-DC Converter (−30V, −3.5A)
RSQ035P03
Features
1) Low On-resistance.(65mΩ at 4.5V)
2) High Power Package.
3) High speed switching.
4) Low voltage drive.(4.5V)
Applications
External dimensions
(Units : mm)
1.6
2.8
Each lead has same dimensions
Abbreviatedsymbol : TM
TSMT6
DC-DC converter
Structure
Silicon P-channel
MOSFET
Packaging specifications
Taping
RSQ035P03
Type
TR
3000
Package
Basic ordering unit
(pieces)
Code
Equivalent circuit
(1)
∗1
∗2
∗1 ESD PROTECTION DIODE
(1)DRAIN
(2)DRAIN
(3)GATE
(4)SOURCE
(5)DRAIN
(6)DRAIN
(2)
(3)
(4)
(5)
(6)
∗2 BODY DIODE


Similar Part No. - RSQ035P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ035P03FRA ROHM-RSQ035P03FRA Datasheet
1Mb / 8P
4V Drive Pch MOS FET
RSQ035P03HZG ROHM-RSQ035P03HZG Datasheet
2Mb / 15P
Pch -30V -3.5A Small Signal MOSFET
RSQ035P03TR ROHM-RSQ035P03TR Datasheet
62Kb / 3P
4V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RSQ035P03TR VBSEMI-RSQ035P03TR Datasheet
449Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - RSQ035P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
RSQ025P03 ROHM-RSQ025P03 Datasheet
72Kb / 5P
DC-DC Converter (-30V, -2.5A)
RSQ030P03 ROHM-RSQ030P03 Datasheet
94Kb / 5P
DC-DC Converter (-30V, -3A)
logo
Texas Instruments
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
logo
ACE Technology Co., LTD...
ACE752D ACE-ACE752D Datasheet
332Kb / 9P
120KHz 3.5A Buck DC-DC Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Fitipower Integrated Te...
FR9888 FITIPOWER-FR9888 Datasheet
994Kb / 13P
23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9888C FITIPOWER-FR9888C Datasheet
1Mb / 13P
23V, 3.5A, 340KHz Synchronous Step-Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
3.5A Step-Down PWM Switch-Mode DC/DC Converter
HM3113A HMSEMI-HM3113A Datasheet
870Kb / 10P
40V, 3.5A CC and CV Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com