Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSQ035P03 Datasheet(PDF) 3 Page - Rohm

Part # RSQ035P03
Description  DC-DC Converter (-30V, -3.5A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ035P03 Datasheet(HTML) 3 Page - Rohm

  RSQ035P03 Datasheet HTML 1Page - Rohm RSQ035P03 Datasheet HTML 2Page - Rohm RSQ035P03 Datasheet HTML 3Page - Rohm RSQ035P03 Datasheet HTML 4Page - Rohm RSQ035P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSQ035P03
Transistor
3/4
Electrical characteristic curves
Fig.1 Typical Transfer Characteristics
0
0.5
1.0
0.001
0.1
1
0.01
10
1.5
Gate
−Source Voltage : −VGS[V]
2.0
2.5
3.0
3.5
4.0
Ta
=125°C
75
°C
25
°C
−25°C
VDS
=−10V
pulsed
Fig.2 Static Drain
−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
−4.5V
−10V
VGS=
−4V
vs.Drain Current
Ta
=25 C
pulsed
Fig.3 Static Drain
−Source On−State
Resistance
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
vs.Drain Current
Ta=125
75
25
−25
VGS
=−10V
pulsed
C
C
C
C
Fig.4 Static Drain
−Source On−State
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
Ta=125
75
25
−25
Resistance vs.Drain
−Current
C
C
C
C
VGS
=−4.5V
pulsed
Fig.5 Static Drain
−Source On−State
0.1
1
10
100
1000
10
Drain Current
: −ID[A]
Ta=125
75
25
−25
Resistance vs.Drain
−Current
VGS
=−4V
pulsed
C
C
C
C
0
0.5
1.0
1.5
Source
−Drain Voltage : −VSD[V]
Fig.6 Reverse Drain Current
0.01
0.1
10
1
2.0
Ta=125
75
25
−25
vs.Source-Drain Voltage
VGS
=0V
pulsed
C
C
C
C
0.01
0.1
1
10
100
Drain
−Source Voltage : −VDS[V]
Fig.7 Typical Capactitance
10
100
10000
1000
vs.Drain
−Source Voltage
Ciss
Coss
Crss
Ta
=25 C
f
=1MHz
VGS
=0V
0.01
0.1
1
10
Drain Current
: −ID[A]
Fig.8 Switching Characteristics
1
10
1000
100
td
(off)
td
(on)
tr
tf
Ta
=25 C
VDD
=−15V
VGS
=−10V
RG
=10Ω
pulsed
Fig.9 Dynamic Input Characteristics
01
0
4
8
6
Total Gate Charge
: Qg[nC]
23
4
5
1
2
3
5
6
7
78
9
10 11 12
Ta
=25 C
VDD
=−15V
ID
=−3.5A
RG
=10Ω
pulsed



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com