Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-1.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM7170ACPZ-1.3-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-1.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADM7170ACPZ-1.3-R7 Datasheet HTML 1Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 2Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 3Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 4Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 5Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADM7170
Data Sheet
Rev. C | Page 4 of 23
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
EN INPUT STANDBY
2.3 V ≤ VIN ≤ 6.5 V
EN Input Logic High
ENSTBY-HIGH
1.1
V
EN Input Logic Low
ENSTBY-LOW
0.4
V
EN Input Logic Hysteresis
ENSTBY-HYS
80
mV
EN INPUT PRECISION
2.3 V ≤ VIN ≤ 6.5 V
EN Input Logic High
ENHIGH
1.11
1.2
1.27
V
EN Input Logic Low
ENLOW
1.01
1.1
1.16
V
EN Input Logic Hysteresis
ENHYS
100
mV
EN Input Leakage Current
IEN-LKG
EN = VIN or GND
0.1
1.0
µA
EN Input Delay Time
TIEN-DLY
From EN rising from 0 V to VIN to 0.1 V × VOUT
130
μs
1
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output
voltages greater than 2.3 V.
2
Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of its nominal value.
3
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 5.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 5.0 V, or 4.5 V.
INPUT AND OUTPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM INPUT AND OUTPUT CAPACITANCE1
CMIN
TA = −40°C to +125°C
3.3
µF
CAPACITOR ESR
RESR
TA = −40°C to +125°C
0.001
0.05
Ω
1
Ensure that the minimum input and output capacitance is greater than 3.3 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com