Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-1.3-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM7170ACPZ-1.3-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-1.3-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM7170ACPZ-1.3-R7 Datasheet HTML 16Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 17Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 18Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 19Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 20Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 21Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 22Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 23Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Data Sheet
ADM7170
Rev. C | Page 23 of 23
OUTLINE DIMENSIONS
Figure 70. 8-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-8-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2, 3
Package Description
Package Option
Branding
ADM7170ACPZ-1.3-R7
−40°C to +125°C
1.3
8-Lead LFCSP_WD
CP-8-21
LPR
ADM7170ACPZ-1.8-R7
−40°C to +125°C
1.8
8-Lead LFCSP_WD
CP-8-21
LPS
ADM7170ACPZ-2.5-R7
−40°C to +125°C
2.5
8-Lead LFCSP_WD
CP-8-21
LR2
ADM7170ACPZ-3.0-R7
−40°C to +125°C
3.0
8-Lead LFCSP_WD
CP-8-21
LPT
ADM7170ACPZ-3.3-R7
−40°C to +125°C
3.3
8-Lead LFCSP_WD
CP-8-21
LPU
ADM7170ACPZ-4.2-R7
−40°C to +125°C
4.2
8-Lead LFCSP_WD
CP-8-21
LQW
ADM7170ACPZ-5.0-R7
−40°C to +125°C
5.0
8-Lead LFCSP_WD
CP-8-21
LPV
ADM7170ACPZ-R7
−40°C to +125°C
Adjustable (1.2 V)
8-Lead LFCSP_WD
CP-8-21
LPW
ADM7170ACPZ-R2
−40°C to +125°C
Adjustable (1.2 V)
8-Lead LFCSP_WD
CP-8-21
LPW
ADM7170CP-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
3 The evaluation boards are preconfigured with an adjustable voltage (1.2 V) preset to a 3.0 V ADM7170.
2.54
2.44
2.34
0.50
0.40
0.30
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
SEATING
PLANE
0.80
0.75
0.70
1.70
1.60
1.50
0.203 REF
0.20 MIN
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.20)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
3.10
3.00 SQ
2.90
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12297-0-8/15(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com