Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7170ACPZ-1.3-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM7170ACPZ-1.3-R7
Description  Adjustable and fixed output voltage options
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7170ACPZ-1.3-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM7170ACPZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 9Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 10Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 11Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 12Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 13Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 14Page - Analog Devices ADM7170ACPZ-1.3-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADM7170
Data Sheet
Rev. C | Page 10 of 23
Figure 22. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = 3 V
Figure 23. Output Voltage (VOUT) vs. Junction Temperature, Adjustable
Version, VOUT = 1.2 V
Figure 24. Output Voltage (VOUT) vs. Load Current (ILOAD), Adjustable Version,
VOUT = 1.2 V
Figure 25. Output Voltage (VOUT) vs. Input Voltage (VIN), Adjustable Version,
VOUT = 1.2 V
Figure 26. Ground Current vs. Junction Temperature, Adjustable Version,
VOUT = 1.2 V
Figure 27. Ground Current vs. Load Current (ILOAD), Adjustable Version,
VOUT = 1.2 V
VIN (V)
3.4
3.2
3.3
3.1
3.0
2.9
2.8
2.7
0
16
14
12
10
8
6
4
2
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
1.16
1.24
1.22
1.20
1.18
1.23
1.21
1.19
1.17
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD (mA)
1000
100
10
1
0.1
1.16
1.24
1.22
1.20
1.18
1.23
1.21
1.19
1.17
VIN (V)
6.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.16
1.24
1.22
1.20
1.18
1.23
1.21
1.19
1.17
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD (mA)
1000
100
10
1
0.1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com