Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7172ACPZ-R2
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7172ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADM7172
Data Sheet
Rev. C | Page 6 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
3
SENSE
4
SS
1
VOUT
2
VOUT
6GND
5EN
8VIN
7VIN
NOTES
1. THE EXPOSED PAD ENHANCES THERMAL PERFORMANCE
AND IS ELECTRICALLY CONNECTED TO GND INSIDE THE
PACKAGE. CONNECT THE EXPOSED PAD TO THE GROUND
PLANE ON THE BOARD TO ENSURE PROPER OPERATION.
ADM7172
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Regulated Output Voltage. Bypass this pin to GND with a 4.7 μF or greater capacitor.
2
VOUT
Regulated Output Voltage. This pin is internally connected to Pin 1.
3
SENSE
Sense Input. Connect this pin as close as possible to the load for best load regulation. Use an external resistor
divider to set the output voltage higher than the fixed output voltage.
4
SS
Soft Start. A 1 nF external capacitor connected to SS results in a 1.0 ms start-up time.
5
EN
Regulator Enable. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN (Pin 7 or Pin 8).
6
GND
Ground.
7
VIN
Regulator Input Supply. Bypass this pin to GND with a 4.7 μF or greater capacitor.
8
VIN
Regulator Input Supply. This pin is internally connected to Pin 7.
9
EP
Exposed Pad. The exposed pad is on the bottom of the package. The exposed pad enhances thermal performance
and is electrically connected to GND inside the package. Connect the exposed pad to the ground plane on the
board to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com