Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM7172ACPZ-R2
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM7172ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADM7172
Data Sheet
THEORY OF OPERATION
The ADM7172 is a low quiescent current, low dropout linear
regulator that operates from 2.3 V to 6.5 V and provides up to
2 A of load current. Drawing a low 4.8 mA of quiescent current
(typical) at full load makes the ADM7172 ideal for portable
equipment. Typical shutdown current consumption is 0.25 μA
at room temperature.
Optimized for use with small 4.7 µF ceramic capacitors, the
ADM7172 provides excellent transient performance.
VOUT
SENSE
SS
GND
CURRENT-LIMIT,
THERMAL
PROTECT
SOFT START
REFERENCE
SHUTDOWN
EN
VIN
Figure 56. Internal Block Diagram
Internally, the ADM7172 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device, which is controlled
by the error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. When the feedback voltage is lower than the
reference voltage, the gate of the PMOS device is pulled lower,
allowing more current to pass and increasing the output voltage.
When the feedback voltage is higher than the reference voltage,
the gate of the PMOS device is pulled higher, allowing less
current to pass and decreasing the output voltage.
The ADM7172 is available in 17 fixed output voltage options,
ranging from 1.2 V to 5 V. The ADM7172 architecture allows
any fixed output voltage to be set to a higher voltage with an
external voltage divider. For example, a fixed 5 V output ADM7172
can be set to a 6 V output according to the following equation:
VOUT = 5 V(1 + R1/R2)
VOUT
SENSE
VIN
ADM7172
GND
VIN
VOUT
SS
CSS
1nF
CIN
4.7µF
COUT
4.7µF
EN
OFF
ON
VIN = 6.5V
VOUT = 6.0V
R1
2kΩ
R2
10kΩ
Figure 57. Typical Adjustable Output Voltage Application Schematic
Use a value of less than 200 kΩ for R2 to minimize errors in the
output voltage caused by the SENSE pin input current. For
example, when R1 and R2 each equal 200 kΩ and the default
output voltage is 1.2 V, the adjusted output voltage is 2.4 V. The
output voltage error introduced by the SENSE pin input current
is 0.1 mV or 0.004%, assuming a typical SENSE pin input bias
current of 1 nA at 25°C.
The ADM7172 uses the EN pin to enable and disable the VOUT
pins under normal operating conditions. When EN is high, VOUT
turns on; when EN is low, VOUT turns off. For automatic startup,
tie EN to VIN (Pin 7 or Pin 8).
Rev. C | Page 16 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com