Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM7172ACPZ-R2
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM7172ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADM7172ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADM7172
Data Sheet
TEMPERATURE (°C)
0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–50
–25
0
25
50
75
100
125
VIN = 2.3V
VIN = 2.5V
VIN = 3.5V
VIN = 4.0V
VIN = 5.0V
VIN = 6.5V
Figure 10. Shutdown Current vs. Temperature at Various Input Voltages
ILOAD (mA)
10000
1000
100
10
1
0
20
40
60
80
100
140
120
Figure 11. Dropout Voltage vs. Load Current (ILOAD), VOUT = 5 V
VIN (V)
5.4
5.3
5.2
5.1
5.0
4.9
4.7
4.8
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 12. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout, VOUT = 5 V
VIN (V)
5.4
5.3
5.2
5.1
5.0
4.9
4.7
4.8
0
40
35
30
25
20
15
10
5
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 13. Ground Current vs. Input Voltage (VIN) in Dropout, VOUT = 5 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
2.95
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 14. Output Voltage (VOUT) vs. Junction Temperature, VOUT = 3 V
ILOAD (mA)
10000
100
1000
10
1
0.1
2.95
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
Figure 15. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = 3 V
Rev. C | Page 8 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com