Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP7182ACPZ-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP7182ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 31 of 31
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
5
4
1
2
3
SEATING
PLANE
Figure 106. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Output Voltage (V)2
Package Description
Package Option
Branding
ADP7182ACPZ-R7
−40°C to +125°C
Adjustable
8-Lead LFCSP
CP-8-13
LN6
ADP7182ACPZ-5.0-R7
−40°C to +125°C
−5
8-Lead LFCSP
CP-8-13
LN9
ADP7182AUJZ-R7
−40°C to +125°C
Adjustable
5-Lead TSOT
UJ-5
LN6
ADP7182AUJZ-1.8-R7
−40°C to +125°C
−1.8
5-Lead TSOT
UJ-5
LN1
ADP7182AUJZ-2.5-R7
−40°C to +125°C
−2.5
5-Lead TSOT
UJ-5
LN7
ADP7182AUJZ-3.0-R7
−40°C to +125°C
−3
5-Lead TSOT
UJ-5
LN2
ADP7182AUJZ-5.0-R7
−40°C to +125°C
−5
5-Lead TSOT
UJ-5
LN9
ADP7182ACPZN-R7
−40°C to +125°C
Adjustable
6-Lead LFCSP
CP-6-3
LN6
ADP7182ACPZN-5.0R7
−40°C to +125°C
−5
6-Lead LFCSP
CP-6-3
LN9
ADP7182ACPZN-2.5R7
−40°C to +125°C
−2.5
6-Lead LFCSP
CP-6-3
LN7
ADP7182ACPZN-1.5R7
−40°C to +125°C
−1.5
6-Lead LFCSP
CP-6-3
LQK
ADP7182ACPZN-1.2R7
−40°C to +125°C
−1.2
6-Lead LFCSP
CP-6-3
LRE
ADP7182UJ-EVALZ
Evaluation Board, TSOT
ADP7182CP-EVALZ
Evaluation Board, LFCSP
1
Z = RoHS Compliant Part.
2
For additional voltage options, contact a local Analog Devices, Inc., sales or distribution representative.
©2013–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10703-0-12/16(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com