Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP7182ACPZ-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP7182ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 7 of 31
3
NC
4
EN
1
VOUT
2
VOUT
6 GND
5 NC
8 VIN
7 VIN
ADP7182
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP PACKAGE ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO VIN
INSIDE THE PACKAGE. THE EXPOSED PAD MUST BE CONNECTED TO THE
VIN PLANE ON THE BOARD FOR PROPER OPERATION. BECAUSE THIS IS A
NEGATIVE VOLTAGE REGULATOR, VIN IS THE MOST NEGATIVE POTENTIAL
IN THE CIRCUIT.
Figure 5. 8-Lead LFCSP Pin Configuration, Fixed Output Voltage
3
ADJ
4
EN
1
VOUT
2
VOUT
6 GND
5 NC
8 VIN
7 VIN
ADP7182
TOP VIEW
(Not to Scale)
EXPOSED PAD
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP PACKAGE ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO VIN
INSIDE THE PACKAGE. THE EXPOSED PAD MUST BE CONNECTED TO THE
VIN PLANE ON THE BOARD FOR PROPER OPERATION. BECAUSE THIS IS A
NEGATIVE VOLTAGE REGULATOR, VIN IS THE MOST NEGATIVE POTENTIAL
IN THE CIRCUIT.
Figure 6. 8-Lead LFCSP Pin Configuration, Adjustable Output Voltage
Table 6. 8-Lead LFCSP Pin Function Descriptions
LFCSP Pin No.
Fixed Output Voltage
Adjustable Output Voltage
Mnemonic
Description
1, 2
1, 2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 2.2 µF or
greater capacitor.
Not applicable
3
ADJ
Adjustable Input. An external resistor divider sets the output voltage.
3
Not applicable
NC
No Connect. Do not connect to this pin.
4
4
EN
Drive EN 2 V above or below ground to enable the regulator, or drive
EN to ground to turn off the regulator. For automatic startup,
connect EN to VIN.
5
5
NC
No Connect. Do not connect to this pin.
6
6
GND
Ground.
7, 8
7, 8
VIN
Regulator Input Supply. Bypass VIN to GND with a 2.2 µF or greater
capacitor.
9
9
EPAD
Exposed pad. The exposed pad on the bottom of the LFCSP package
enhances thermal performance and is electrically connected to VIN
inside the package. The exposed pad must be connected to the VIN
plane on the board for proper operation. Because this is a negative
voltage regulator, VIN is the most negative potential in the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com