Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7182ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP7182ACPZ-R7
Description  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7182ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP7182ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP7182ACPZ-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Data Sheet
ADP7182
Rev. I | Page 27 of 31
140
120
100
80
60
40
20
0
00.7
0.5
0.6
0.4
0.3
0.2
0.1
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 96. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 50°C
140
120
100
80
60
40
20
0
00.40
0.35
0.25
0.30
0.20
0.15
0.10
0.05
TOTAL POWER DISSIPATION (W)
500mm2
300mm2
100mm2
25mm2
JEDEC
TJ MAX
Figure 97. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 85°C
Thermal Characterization Parameter, ΨJB
When the board temperature is known, use the thermal
characterization parameter, ΨJB, to estimate the junction
temperature rise (see Figure 98 and Figure 100). Maximum
junction temperature (TJ) is calculated from the board temperature
(TB) and power dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(6)
The typical value of ΨJB is 18.2°C/W for the 8-lead LFCSP package,
44.1°C/W for the 6-lead LFCSP package and 43°C/W for the 5-lead
TSOT package.
140
120
100
80
60
40
20
0
07
56
4
3
2
1
TOTAL POWER DISSIPATION (W)
TB = 25°C
TB = 50°C
TB = 85°C
TJ MAX
Figure 98. Junction Temperature vs. Total Power Dissipation for the
8-Lead LFCSP, TA = 85°C
TOTAL POWER DISSIPATION (W)
0
20
40
60
80
100
120
140
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TB = 25°C
TB = 50°C
TB = 65°C
TB = 85°C
TJ MAX
Figure 99. Junction Temperature vs. Total Power Dissipation for the
6-Lead LFCSP, TA = 85°C
140
120
100
80
60
40
20
0
07
56
4
3
2
1
TOTAL POWER DISSIPATION (W)
TB = 25°C
TB = 50°C
TB = 85°C
TJ MAX
Figure 100. Junction Temperature vs. Total Power Dissipation for the
5-Lead TSOT, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com