Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT2801_16 Datasheet HTML 12Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 13Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 14Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 15Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 16Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 17Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 18Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 19Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Rev 8, 01-Nov-16
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2801/ACT2801B
limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 20. The ACT2801 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The threshold is given by:
60µA×RNOM×kHOT=0.3V→ RNOM×kHOT=5kΩ
60µA×RNOM×kCOLD=1.5V → RNOM×kCOLD= 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD are the ratios
of the thermistor's resistance at the desired hot and
cold thresholds, respectively.
Figure 20.
Battery thermal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com