Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2801_16 Datasheet HTML 6Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 7Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 8Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 9Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 10Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 11Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 12Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 13Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev 8, 01-Nov-16
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2801/ACT2801B
FUNCTIONAL DESCRIPTION
ACT2801/ACT2801B is a complete battery charging
and discharging power management solution for
applications of single-cell lithium-based backup
battery pack or power bank. There is a power path
from input to output with programmable input
current limit. When output is over loaded, the input
switch Q1 starts going into linear mode and thus
output voltage starts to drop. If output voltage drops
below 4.25V, the input switch Q1 turns off and
restart in 2 seconds.
With
the
advanced
ACT2801/ACT2801B
architecture, a synchronous buck/boost converter is
connected from VOUT to switching node (SW). With
the bidirectional architecture, the converter could be
configured as either buck to charge battery or boost
to discharge battery. With switching charger and
discharger, the higher charge current and higher
conversion efficiency are achieved.
Modes of Operation
ACT2801/ACT2801B has 3 operation modes:
charge mode, boost mode and high-impedance
(HZ) mode. In charge mode, the input current limit
Q1 is enabled and Q2 and Q3 operate as a buck
converter to charge battery. In boost mode, Q2 and
Q3 operate as boost converter to step battery
voltage up to +5V at VOUT, and the current limit
switch Q1 is turned off, and the reverse current from
VOUT to VIN is blocked. In HZ mode, all the
switches are turned off and the drainage current
from battery is very low. ACT2801 system operation
flow chart as shown in Figure 1, and ACT2801B
system operation flow chart as shown in Figure 2.
Any transitions between boost mode and charge
mode go through HZ mode by turning off all the
switches Q1-Q3 into HZ mode for 2 seconds before
enabling the other mode.
The modes are determined by HZ pin and VIN pin
as shown in the table 1. A valid VIN voltage forces
ACT2801/ACT2801B into charge mode. Boost
mode is enabled if HZ pin is pulled low and VIN is
invalid or not present. For ACT2801/ACT2801B,
when HZ=0, if PB is pulled low for more than 30ms,
boost converter is enabled. For ACT2801, during
boost on, if PB is pressed more than 1.5s, boost
converter will be off.
Table 1: Mode Selection
Flashlight
ACT2801B has an flashlight function. Once PB is
pressed for 3 seconds, the flashlight is switched on.
The driver will deliver up to 50mA current to the
flashlight. During flashlight on, if PB is pressed for 3
seconds, flashlight will be switched off.
Figure 1:
ACT2801 System Operation Flow Chart
HZ PIN
0
0
1
1
VIN Valid
0
1
0
1
Mode
Boost
Charge
HZ
Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com