Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT2801
Description  5V/1.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT2801_16 Datasheet HTML 2Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 3Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 4Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 5Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 6Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 7Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 8Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 9Page - Active-Semi, Inc ACT2801_16 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev 8, 01-Nov-16
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2801/ACT2801B
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
Fast Charge Current
VBAT=3.5V
ICHRG
A
Precondition Charge Current
2.5V≤VBAT≤2.8V, Percent of ICHRG
10
%
Precondition Voltage Threshold
VBAT rising, Rbtv=0
2.8
V
Precondition Voltage Threshold Hysteresis
130
mV
Low VBAT Charge Current
VBAT=1V, RICST=39kΩ
200
mA
EOC Current Threshold
Percent of the fast charge current
13
%
Charge Restart Voltage Threshold
200
mV
TH Upper Temperature Voltage Threshold
Cold detect NTC thermistor, ACT2801
1.45
1.5
1.55
V
TH Lower Temperature Voltage Threshold
Hot detect NTC thermistor, ACT2801
0.28
0.3
0.32
V
TH Hysteresis
ACT2801
20
50
80
mV
TH Internal Pull-up Current
ACT2801
60
µA
LED Flash Frequency
LED flash 1s on and 1s off
0.5
Hz
Charge Current Foldback
Charge Current Reduction Threshold1 of Vout1 Starting foldback point
4.59
4.7
4.81
V
Charge Current Reduction Threshold2 of Vout1
Stop foldback point,
RCS=50mΩ, RICST=39kΩ
4.57
V
Boost Mode
Input Voltage Operation Range
3.0
4.5
V
Switching Frequency
-15%
0.55
+15%
MHz
Input Voltage UVLO
VBAT rising
3.15
3.3
3.45
V
Input Voltage UVLO Hysteresis
VBAT falling
300
400
500
mV
Output Voltage (VOUT)
Ta=25℃
4.97
5.05
5.10
V
Output Voltage Accuracy
All conditions
-3
VOUT
2
%
Output Voltage Transient Response
Vbat=3.7V, 80mA-1A-80mA, 0.1A/us
4.75
5.25
V
Output Over Voltage Protection
VOUT rising
5.7
V
Output Over Voltage Protection Hysteresis
VOUT falling
300
mV
Output Current Regulation Range
Rcs=50mΩ, RIOST=37.5kΩ—113kΩ
0.5
1.5
A
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com