Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT2802_16 Datasheet HTML 12Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 13Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 14Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 15Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 16Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 17Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 18Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 19Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 16 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
60µA×RNOM×kHOT=0.3V→ RNOM×kHOT=5kΩ
60µA×RNOM×kCOLD=1.5V → RNOM×kCOLD= 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD are the ratios
of the thermistor's resistance at the desired hot and
cold thresholds, respectively.
Figure 19.
Battery thermal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com