Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT2802_16 Datasheet HTML 16Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 17Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 18Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 19Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 20Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 21Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 22Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 23Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 20 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
Figure 22.
ACT2802B/ACT2802C typical application circuit
(Input current limit 3.0A, fast charge current limit 2.1A, boost output constant current limit 2.4A)
R1
VIN
nPG
ILIM
AGND
PB
HZ
LED1
BTV
ICST
IOST
CSN
CSP
Input USB
+
-
D+
D-
Output USB
+
-
D+
D-
R2
R4
R5
R3
C3
R10
C4
Q1
D1
C13
C2
C7
C6
L1
BAT
R9
C11
R11
C12
R13
R12
R14
R16
R17
R15
R20
Q3
R2A
C5
PB
C8
R18
D2
R21
C16
C14
R23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com