Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT2802_16 Datasheet HTML 7Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 8Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 9Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 10Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 11Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 12Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 13Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 14Page - Active-Semi, Inc ACT2802_16 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
Figure 2:
ACT2802B/ACT2802C System Operation Flow Chart
FUNCTIONAL DESCRIPTION
Latch-Off
ACT2802/ACT2802B/ACT2802C
has
latch
off
function. If discharging stops due to battery cut-off,
and latch off will be triggered, it would prevent
battery from discharging again, latch-off is released
when input power is recycled.
Input Current Limit
When the input current reaches the programmed
value, switch Q1 goes into linear mode and output
voltage starts to drop. When output voltage drops to
4.25V, hiccup mode is triggered and switch Q1
turns off and restart in 2 seconds.
Switching Battery Charger
ACT2802/ACT2802B/ACT2802C is configured in
charge mode (buck mode) when VIN is valid. In this
mode, a battery is charged with preconditioning,
fast charge, top-off and end of charge (EOC). The
typical charge management is shown in Figure 3
and Figure 4.
CC/CV Regulation Loop
There are CC/CV regulation loops built in ACT2802/
ACT2802B/ACT2802C,
which
regulates
either
current or voltage as necessary to ensure fast and
safe charging of the battery. In a normal charge
cycle, this loop regulates the current to the value
set by the external resistor at the ICST pin.
Charging continues at this current until the battery
cell voltage reaches the termination voltage. At this
point the CV loop takes over, and charge current is
allowed to decrease as necessary to maintain
charging at the termination voltage.
Precondition Charge
A new charging cycle begins with the precondition
state, and operation continues in this state until VBAT
exceeds the precondition threshold voltage. When
operating in precondition state, the cell is charged
at a reduced current, 10% of the programmed
maximum fast charge constant current. Once VBAT
reaches the precondition threshold voltage the state
machine jumps to the fast charge state.
Fast Charge
If
battery
voltage
is
above
preconditioning
threshold, buck converter charges battery with
constant current. In fast charge state, the ACT2802/
ACT2802B/ACT2802C charges at the current set
by the external resistor connected at the ICST pin.
During a normal charge cycle fast charge continues
in CC mode until VBAT reaches the charge
termination voltage, at which point the ACT2802/
ACT2802B/ACT2802C charges in top off state.
Top Off
With the battery voltage approaches the EOC
voltage set by the BTV pin. Charge current
decreases as charging continues. In the top off
state, the cell is charged in constant voltage (CV)
mode. During a normal charging cycle charging
proceeds until the charge current decreases below
the end of charge (EOC) threshold, defined as 15%
of fast charge current. When this happens, the state
machine terminates the charge cycle and jumps to
the EOC state. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com