Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802B Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT2802B
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802B Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2802B Datasheet HTML 10Page - Active-Semi, Inc ACT2802B Datasheet HTML 11Page - Active-Semi, Inc ACT2802B Datasheet HTML 12Page - Active-Semi, Inc ACT2802B Datasheet HTML 13Page - Active-Semi, Inc ACT2802B Datasheet HTML 14Page - Active-Semi, Inc ACT2802B Datasheet HTML 15Page - Active-Semi, Inc ACT2802B Datasheet HTML 16Page - Active-Semi, Inc ACT2802B Datasheet HTML 17Page - Active-Semi, Inc ACT2802B Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
Input current limit at various resistor curve is shown
in Figure 8.
The ILIM pin voltage is proportional to input current
until input current is limited, as shown in Figure 9.
Battery Fast Charge Current
Battery fast charge current is set by a resistor
connected from ICST pin to AGND as shown in
Figure 10. Figure 11 gives out different fast charge
current with various RICST. The battery fast charge
current is estimated as the following equation:
Boost Output Constant Current
Boost output current is set by a resistor connected
from IOST pin to AGND as shown in Figure 12. The
boost output current is estimated as the following
equation:
Figure 13 gives out boost output current with
various RIOST.
The IOST pin voltage is proportional to output
current until output current is limited, as shown in
Figure 14.
Figure 7.
Input current limit setting circuit
Figure 8.
Input current limit setting
3.5
2.0
1.5
1.0
0.5
2.5
3.0
RILIM (kΩ)
0.6
1.0
1.4
1.8
2.2
2.6
3.0
VIN = 5.0V
Input current (A)
0
0.4
0.8
2.0
2.4
2.8
3.2
1.2
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Figure 9.
VILIM VS. input current
VIN = 5.0V
RILIM=750Ω
(4)
)
m
(
Rcs
)
k
(
R
)
A
(
25
.
1
)
A
(
Ic
ICST
Figure 10.
Battery fast charge current setting
Figure 11.
Battery fast charge current setting
RICST (kΩ)
0
10
20
30
40
50
60
3.0
2.5
2.0
1.5
1.0
0.5
0
VIN = 5.0V
Vbat=3.7V
)
(m
s
Rc
)
(k
R
)
A
(
3
2
(A)
I
OST
I
IOST
(5)
Figure 12.
Boost output current setting circuit
Figure 13.
Boost output current setting
2.5
2.0
1.5
1.0
0.5
0
3.0
RIOST (kΩ)
0
20
40
60
80
100
VBAT = 3.7V
CVout=4.5V
Figure 14.
VIOST VS. output current
750
600
450
300
150
0
Output current(A)
0
0.4
0.8
1.2
1.6
2.0
2.4
VBAT = 3.7V
RIOST=91kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com