Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802B Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT2802B
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802B Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT2802B Datasheet HTML 17Page - Active-Semi, Inc ACT2802B Datasheet HTML 18Page - Active-Semi, Inc ACT2802B Datasheet HTML 19Page - Active-Semi, Inc ACT2802B Datasheet HTML 20Page - Active-Semi, Inc ACT2802B Datasheet HTML 21Page - Active-Semi, Inc ACT2802B Datasheet HTML 22Page - Active-Semi, Inc ACT2802B Datasheet HTML 23Page - Active-Semi, Inc ACT2802B Datasheet HTML 24Page - Active-Semi, Inc ACT2802B Datasheet HTML 25Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 21 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
Table 6: BOM List
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
L1
Core 6.5*3*3 Dip 2.2uH 6A
1
Sunlord
2
Q1
AO4503, Rdson=19mΩ at VGS = - 4.5 V
1
AOS
3
Q3
MMBT3906
1
Murata/TDK
4
D1
MBR1020VL, 20V/1A Schottky
1
Panjit
5
D2
1N4148, Vf=0.7V, 75V Schottky
1
Murata/TDK
6
C2,C5,C13,C14
Ceramic capacitor, 22uF/10V, X7R, 1206
4
Murata/TDK
7
C3
Ceramic capacitor, 4.7uF/10V, X7R, 1206
1
Murata/TDK
8
C4
Ceramic capacitor, 0.1uF/10V, X7R, 0603
1
Murata/TDK
9
C6
Ceramic capacitor, 10nF/10V, X7R, 0603
1
Murata/TDK
10
C7
Ceramic capacitor, 4.7nF/10V, X7R, 0603
1
Murata/TDK
11
C8,C11,C12
Ceramic capacitor, 2.2uF/10V, X7R, 0603
3
Murata/TDK
12
C16
Ceramic capacitor, 4.7uF/10V, X7R, 0603
1
Murata/TDK
13
R1
Chip Resistor, 750Ω, 1/10W, 1%, 0603
1
Murata/TDK
14
R2,R2A
Chip Resistor, 50mΩ, 1/4W, 1%, 1206
2
SART
15
R3
Chip Resistor, 93.1kΩ, 1/10W, 1%, 0603
1
Murata/TDK
16
R4,R15
Chip Resistor, 43.2kΩ, 1/10W, 1%, 0603
2
Murata/TDK
17
R5
Chip Resistor, 25kΩ, 1/10W, 1%, 0603
1
Murata/TDK
18
R7
Chip Resistor, 60kΩ, 1/10W, 1%, 0603
1
Murata/TDK
19
R8
Chip Resistor, 80kΩ, 1/10W, 1%, 0603
1
Murata/TDK
20
R9
Chip Resistor, 0.47Ω, 1/8W, 5%, 0805
1
Murata/TDK
21
R10
Chip Resistor, 2.7Ω, 1/4W, 5%, 1206
1
Murata/TDK
22
R11
Chip Resistor, 200kΩ, 1/10W, 5%, 0603
1
Murata/TDK
23
R12,R13
Chip Resistor, 715kΩ, 1/10W, 5%, 0603
2
Murata/TDK
24
R14,R16
Chip Resistor, 49.9kΩ, 1/10W, 5%, 0603
2
Murata/TDK
25
R17
Chip Resistor, 75kΩ, 1/10W, 1%, 0603
1
Murata/TDK
26
R18,R20
Chip Resistor, 100kΩ, 1/10W, 5%, 0603
2
Murata/TDK
27
R21
Chip Resistor, 2.2Ω, 1/10W, 5%, 0603
1
Murata/TDK
28
R22
Chip Resistor, 51Ω, 1/8W, 5%, 0805
1
Murata/TDK
29
R23
Chip Resistor, 100Ω, 1/10W, 5%, 0603
1
Murata/TDK
30
LED1,LED2, LED3,LED4
LED, 0603, Blue
4
LED Manu
31
LED
Flashlight
1
LED Manu
32
PB
Push Button Switch
1
Nikkai Omron
33
USB
10.2*14.6*7mm, 4P
1
34
Micro-USB
MICRO USB 5P/F SMTB
1
35
U1
IC, ACT2802BQL-T1028/ACT2802CQL-T1028,
T-QFN 44-24
1
ACT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com