Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802B Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT2802B
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802B Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT2802B Datasheet HTML 2Page - Active-Semi, Inc ACT2802B Datasheet HTML 3Page - Active-Semi, Inc ACT2802B Datasheet HTML 4Page - Active-Semi, Inc ACT2802B Datasheet HTML 5Page - Active-Semi, Inc ACT2802B Datasheet HTML 6Page - Active-Semi, Inc ACT2802B Datasheet HTML 7Page - Active-Semi, Inc ACT2802B Datasheet HTML 8Page - Active-Semi, Inc ACT2802B Datasheet HTML 9Page - Active-Semi, Inc ACT2802B Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Fast Charge Current
VBAT=3.5V
ICHRG
A
Precondition Charge Current
2.4V≤VBAT≤2.8V, Percent of ICHRG
10
%
Precondition Voltage Threshold
VBAT rising, Rbtv=0
2.8
V
Precondition Voltage Threshold Hysteresis
130
mV
Low VBAT Charge Current
VBAT=1V, RICST=43.2kΩ
200
mA
EOC Current Threshold
VBAT=4.2V, percent of the fast
charge current
15
%
Charge Restart Voltage Threshold
200
mV
TH Upper Temperature Voltage Threshold
Cold detect NTC thermistor,
ACT2802QL-T1028
1.5
V
TH Lower Temperature Voltage Threshold
Hot detect NTC thermistor,
ACT2802QL-T1028
0.3
V
TH Hysteresis
ACT2802QL-T1028
50
mV
TH Internal Pull-up Current
ACT2802QL-T1028
60
µA
LED Flash Frequency
LED flash 1s on and 1s off
0.5
Hz
Charge Current Foldback
Charge Current Reduction Threshold1 of Vout1 Starting foldback point
4.59
4.7
4.81
V
Charge Current Reduction Threshold2 of Vout1
Stop foldback point, RCS=25mΩ,
RICST=43.2kΩ
4.57
V
Boost Mode
Input Voltage Operation Range
3.0
4.5
V
Switching Frequency
-15%
0.55
+15% MHz
Input Voltage UVLO
VBAT rising
3.3
V
Input Voltage UVLO Hysteresis
VBAT falling
400
mV
Output Voltage (VOUT)
Ta=25℃
4.97
5.05
5.10
V
Output Voltage Accuracy
All conditions
-3
VOUT
2
%
Output Voltage Transient Response
80mA-1A-80mA, 0.1A/us
4.75
5.25
V
1A-2.0A-1A, 0.1A/us
4.7
5.25
V
Output Over Voltage Protection
VOUT rising
5.7
V
Output Over Voltage Protection Hysteresis
VOUT falling
300
mV
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com