Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK672-080 Datasheet(PDF) 16 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 16 Page - Sanyo Semicon Device

Back Button STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device STK672-080 Datasheet HTML 10Page - Sanyo Semicon Device STK672-080 Datasheet HTML 11Page - Sanyo Semicon Device STK672-080 Datasheet HTML 12Page - Sanyo Semicon Device STK672-080 Datasheet HTML 13Page - Sanyo Semicon Device STK672-080 Datasheet HTML 14Page - Sanyo Semicon Device STK672-080 Datasheet HTML 15Page - Sanyo Semicon Device STK672-080 Datasheet HTML 16Page - Sanyo Semicon Device STK672-080 Datasheet HTML 17Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
No. 6507-16/17
STK672-080
35
37
39
41
43
45
47
49
51
53
55
4
4.5
5
5.5
6
39
41
35
37
43
45
47
49
51
53
55
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
2
1.5
2.5
3
3.5
0.4
0
0.2
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
2.5
3
0.5
0
1
1.5
2
2.5
0
10
20
30
40
50
0.5
0
1
1.5
2
2.5
0
20
40
60
80
100
120
100
0
50
150
200
250
300
350
400
450
0
20
40
60
80
100
120
100
150
50
0
200
250
300
350
400
450
0
0.5
1
1.5
2
2.5
IOH=1A
Vref=0
Vref=2.5V
Vref=2V
Vref=1
IOH=2
Tc=105
°C
Tc=105
°C
Tc=25
°C
Tc=25
°C
Tc=25
°C
Supply voltage, VCC2 — V
fc — VCC2
Substrate temperature, Tc — °C
fc — Tc
Motor current, IOH — A
Motor Current vs. Output Supply Voltage
Motor current, IOH — A
Internal Diode Forward Voltage vs. Motor Current
Motor voltage, VCC1 — V
Motor Current vs. Motor Voltage
Substrate temperature, Tc — °C
Motor Current vs. Substrate Temperature
Reference voltage, Vref — V
Reference Voltage vs. Input Current
Substrate temperature, Tc — °C
Reference Voltage Input Current vs. Substrate Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com