Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK672-080 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK672-080 Datasheet HTML 1Page - Sanyo Semicon Device STK672-080 Datasheet HTML 2Page - Sanyo Semicon Device STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
• The CLK input pin include built-in malfunction
prevention circuits for external pulse noise.
• Both an ENABLE and RESET pin are provided as
Schmitt trigger inputs with built-in 20 k
Ω (typical) pull-
up resistors.
• No audible noise is generated by the differences in the
time constant between phases A and B when the motor
position is held fixed due to the adoption of external
excitation.
• The reference voltage Vref can be set to any level
between 0 and 1/2 VCC2. This allows the STK672-080
to provide microstepping operation even for small motor
currents.
<Driver Block>
• Provides a wide range of operatng supply voltage
required for external excitation PWM drive (VCC1 = 10
to 45 V).
• Current detection resistor (0.15
Ω) built-in the hybrid IC
itself.
• Power MOSFETs adopted for low drive loss
• Provides a motor output drive current of IOH = 2.8 A
(When Tc = 105°C).
No. 6507-2/17
STK672-080
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage1
VCC1 max
No signal
52
V
Maximum supply voltage2
VCC2 max
No signal
–0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
–0.3 to +7.0
V
Phase output current
IOH max
0.5 s, 1 pulse, when VCC1 applied.
3.3
A
Repeatable avalanche current
Ear max
30
mJ
Power loss
Pd max
θc-a = 0
8
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings at Tc = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage1
VCC1
With input signals present
10 to 45
V
Supply voltage2
VCC2
With input signals present
5 ±5%
V
Input voltage
VIH
0 to VCC2
V
Phase driver voltage handling
VDSS
Tr1, 2, 3, and 4 (the A, A, B, and B outputs)
100 (min)
V
Phase current 1
IOH 1
Tc = 105°C, CLK
≥ 200 Hz
2.8
A
Phase current 2
IOH 2
Tc = 80°C, CLK
≥ 200 Hz
3
A
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Control supply current
ICC
Pin 6 input, with ENABLE pin held low.
2.1
14
mA
Output saturation voltage
Vsat
RL = 12 Ω
0.65
1
V
Average output current
Io ave
Load: R = 3.5 W/L = 3.8 mH per phase
0.445
0.5
0.56
A
FET diode Forward voltage
Vdf
If = 1 A
1
1.5
V
[Control Inputs]
Input voltage
VIH
Except for the Vref pin
4
V
VIL
Except for the Vref pin
1
V
Input current
IIH
Except for the Vref pin
0
1
10
µA
IIL
Except for the Vref pin
125
250
510
µA
[Vref Input Pin]
Input voltage
VI
Pin 7
0
2.5
V
Input current
II
Pin 7, 2.5-V input
330
415
545
µA
[Control Outputs]
Output voltage
VOH
I = –3 mA, pin MOI
2.4
V
VOL
I = +3 mA, pin MOI
0.4
V
Electrical Characteristics at Tc = 25°C, VCC1 = 24 V, VCC2 = 5 V
Continued on next page.
Continued from preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com