Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK672-080 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # STK672-080
Description  Stepping Motor Driver (Sine Wave Drive) Output Current : 2.8 A (No Heat Sink)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-080 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  STK672-080 Datasheet HTML 1Page - Sanyo Semicon Device STK672-080 Datasheet HTML 2Page - Sanyo Semicon Device STK672-080 Datasheet HTML 3Page - Sanyo Semicon Device STK672-080 Datasheet HTML 4Page - Sanyo Semicon Device STK672-080 Datasheet HTML 5Page - Sanyo Semicon Device STK672-080 Datasheet HTML 6Page - Sanyo Semicon Device STK672-080 Datasheet HTML 7Page - Sanyo Semicon Device STK672-080 Datasheet HTML 8Page - Sanyo Semicon Device STK672-080 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
No. 6507-3/17
STK672-080
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Current Distribution Ratio (A·B)]
2W1-2, W1-2, 1-2
Vref
θ = 1/8
100
%
2W1-2, W1-2
Vref
θ = 2/8
92
%
2W1-2
Vref
θ = 3/8
83
%
2W1-2, W1-2, 1-2
Vref
θ = 4/8
71
%
2W1-2
Vref
θ = 5/8
55
%
2W1-2, W1-2
Vref
θ = 6/8
40
%
2W1-2
Vref
θ = 7/8
21
%
2
Vref
100
%
PWM frequency
fc
37
47
57
kHz
Continued from preceding page.
Note: A constant-voltage power supply must be used.
The design target value is shown for the current distribution ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com