Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB245 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # USB245
Description  Pinout Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB245 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  USB245 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Device Function
A processor can use the status lines TXE# and RXF# in either a polled or interrupt manner.
The TXE# line will go active LOW indicating that there is room available in the 384 bytes transmit
buffer for the processor to place another byte for transmission over the USB bus. The RXF# line
will go active LOW when there is at least one byte available in the 128 byte FIFO for the
processor to read.
To write data into the transmit FIFO, the following procedure should be used: With the WRITE
line LOW, the processor places the data on lines D0-D7. The processor then strobes the WRITE
line by bringing it HIGH for a minimum of 50 ns, and then completes the cycle by bringing the
WRITE line back LOW.
To read data from the receive FIFO, the processor drives the RD# line LOW. After a maximum
time of 30 ns, valid data will be driven on lines D0-D7. The processor reads the data and then
drives the RD# line back inactive HIGH.
For USB powered controls, USB power would be fed into Pin 22. The filtered output provided
at Pin 23 would then be tied to Pin 24 (Vcc). This power (+5volts) can be used to power other
circuits in the design, up to the maximum current draw per USB device. For USB specifications
see: www.usb.org/developers.
For System powered controls, +5 volts can be directly fed into Pin 24. Pins 22-23 are left
unconnected. Alternatively system power can be fed into Pin 22. Pin 23 would then be tied to Pin
24 for extra system power filtering. In this case USB power is never connected to the device.
USB power and alternate System power sources should not be tied together, except for
common grounding (GND).
The USB245 is a ‘slave’ or ‘peripheral’ device to a ‘master’ or ‘host’ USB controller such as a
PC running Windows 98/2000. The host must have appropriate drivers running to access the
USB245. Drivers are available for Windows and Mac Systems.
Addition Information
USB Cable color codes: Red
5 Volts, Black
GND, Green
DP, White
DM
Schematic Usage
See appendix for a simple example using the USB245 with the Ubicom SX-28.
Pin Orientation
Pin 1
Vcc
GND
(version 1.0)
Software Drivers Supplied & Supported by: Future Technology Devices International Ltd. (FTDI).
http://www.ftdichip.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com