Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB245 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # USB245
Description  Pinout Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB245 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  USB245 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1
2
34
A
B
C
D
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
A
Date:
5-Dec-2002
Sheet of
File:
C:\Designs\stamps.ddb
Drawn By:
SD7
4
SD6
5
SD5
6
SD4
7
SD3
8
SD2
9
SD1
10
SD0
11
GND
12
GND
19
RXCLK
13
RXF#
14
RESET#
15
READ#
16
WRITE
17
TXE#
18
DP
20
DM
21
USB_VCC
22
FILTER_VCC
23
VCC
24
U2
USB245
VCC0
1
DATAO-
2
DATA0+
3
GND0
4
GND
5
J1
GND
1
RTCC
2
VCC
3
VCC
4
RA0
5
RA1
6
RA2
7
RA3
8
RB0
9
RB1
10
RB2
11
RB3
12
RB4
13
GND
14
RB5
15
RB6
16
RB7
17
RC0
18
RC1
19
RC2
20
RC3
21
RC4
22
RC5
23
RC6
24
RC7
25
OSC2
26
OSC1
27
RESET#
28
U1
SX28AX-SS
GND
VCC
RESET#
1
3
CR1
20 MHz Resonator
GND
OSC1
OSC2
D0
D1
D2
D3
D4
D5
D6
D7
RESET#
READ#
WRITE
RXF#
TXE#
READ#
WRITE
RXF#
TXE#
VCC
GND
GND
PORTB on SX28 for other I/O
USB245 Demo Schematic
C1
VCC
GND
SOUT
1
SIN
2
ATN
3
VSS
4
P0
5
P1
6
P2
7
P3
8
P4
9
P5
10
P6
11
P7
12
P8
13
P9
14
P10
15
P11
16
P12
17
P13
18
P14
19
P15
20
VDD
21
RES#
22
VSS
23
VIN
24
U4
BS2-IC
SD7
4
SD6
5
SD5
6
SD4
7
SD3
8
SD2
9
SD1
10
SD0
11
GND
12
GND
19
RXCLK
13
RXF#
14
RESET#
15
READ#
16
WRITE
17
TXE#
18
DP
20
DM
21
USB_VCC
22
FILTER_VCC
23
VCC
24
U3
USB245
VCC0
1
DATAO-
2
DATA0+
3
GND0
4
GND
5
J1
READ#
WRITE
RXF#
TXE#
VCC
GND
GND
GND
GND
VCC
P0
P1
P2
P3
P4
P5
P6
P7
P0
P1
P2
P3
P4
P5
P6
P7
READ#
WRITE
RXF#
TXE#
SX28
BS2-IC
RED
WHITE
GREEN
BLACK
RED
WHITE
GREEN
BLACK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com