Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB245 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # USB245
Description  Pinout Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

USB245 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  USB245 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
asks for the drivers, put the floppy disk sent with the USB245 into the computer’s floppy drive and
tell the setup routine which drive you placed it into (usually A:).
After it has completed setup, you can find the COM port the USB245 has been assigned, by
clicking on: Start
Settings Control Panel, then double click the System Icon
Device
Manager
Ports (COM &LPT). Here you should see: USB Serial Port (COMn), where n is the
COM port assigned.
Now that it has been found, unplug the USB cable from the PC. Never unplug the cable from
the USB245 end, while the other end is plugged into a PC or USB master..
Wire the 8 data lines and 4 status lines to your preprogrammed microcontroller. You can use
the 5V supply from pin 24, and the GND from pin 12 for you microcontroller. Do NOT tie another
5V source to the USB 5V source. RESET# is also available if needed.
Plug the USB cable back into the PC. The PC should now search for and find the proper driver
software. The PC may ‘freeze’ for about 25 seconds while the software is loaded. The chipset &
driver manufacturer explains that this is normal.
If the example program listed above was downloaded to your embedded processor, you should
be able to open a COM program like PCPlus, choose the correct COM Port, and start typing in
the data entry area and see you characters show up on the screen. If they show up twice, go to
half-duplex mode.
A very simple Basic program
USB
VAR
BYTE
REM A Place to store the character
REM I/O 0-7 used for DATA
LOW
8
REM I/O 8
used for WRITE SIGNAL, Start LOW
HIGH 9
REM I/O 9
used for READ SIGNAL, Start HIGH
REM I/O 10 used for RXF# input
REM TXE IS NOT CHECKED
10 IF IN10 = 0 THEN
REM IF RXF is LOW, there is a char available
LOW 9
REM make the READ line active LOW
USB=INL
REM read the character
HIGH 9
REM deactivate the
READ line
DIRL=%11111111
REM set PORT for OUTPUT
HIGH 8
REM strobe the WRITE line HIGH
OUTL=USB
REM output the character
LOW 8
REM bring the strobe back LOW LOW
DIRL=%00000000
REM set PORT for INPUT
END
GOTO 10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com