Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2000D Datasheet(PDF) 6 Page - Amphenol Corporation

Part # S2000D
Description  PROTIMETER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

S2000D Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button S2000D Datasheet HTML 2Page - Amphenol Corporation S2000D Datasheet HTML 3Page - Amphenol Corporation S2000D Datasheet HTML 4Page - Amphenol Corporation S2000D Datasheet HTML 5Page - Amphenol Corporation S2000D Datasheet HTML 6Page - Amphenol Corporation S2000D Datasheet HTML 7Page - Amphenol Corporation S2000D Datasheet HTML 8Page - Amphenol Corporation S2000D Datasheet HTML 9Page - Amphenol Corporation S2000D Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
Protimeter Speedy
March 2014
Sample Preparation Table
Refer to Table 4 below for instructions on preparing your sample for analysis.
Appendix A - Material Safety Data Sheet (According to Directive 93/112/EU)
1.1 Identification of the Product
Name:
Calcium carbide
CAS-No.:
75-20-7
UN-No.:
1402
EINECS-No.:
200-848-3
EU - No.:
006-004-00-9
1.2 Identification of the Manufacturer/Supplier
Name:
Carbide Industries Limited
Address:
Althorpe Wharf, Keadby, Scunthorpe
UNITED KINGDOM, DN17 3DA
Telephone:
+44 1724 782383
1.3 Emergency Telephone
Telephone:
NCEC + 44 1865 407333
2.
Composition
3.
Hazard Identification
Reacts with water to form Ca(OH)2 and flammable acetylene, which forms explosive mixture with air. By contact with
water (humidity), acetylene gas with anesthetic effect is liberated. Simultaneously, very small amounts of poisonous
phosphine and hydrogen sulphide gas are set free.
Residue contains Calcium hydroxide which may cause burns.
Table 4: Sample Preparation
Material Type)
Recommended Preparation
Aggregate
Check maximum sample size. Crush if larger than
maximum recommended particle size.
Dust
None required.
Liquids
Mix with dry sand (see Measuring Moisture Content
in Liquids on page 4).
Powders
None required.
Sand
None required.
Soils
Grind with mortar and pestle prior to testing, or use
pulverizing balls (for large size Speedy only).
CAS-No.
Chemical Name
Conc. (wt. %)
Hazard Classification
75-20-7
Calcium carbide
~80
F - Highly flammable
R -15: Contact with water liberates highly flammable gas.
1305-78-8
Calcium oxide
~15
C - Corrosive
R -34: Causes burns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com